Electronic Components Datasheet Search
  English  ▼

X  

LTC2183 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2183
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2183 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2183 Datasheet HTML 3Page - Linear Technology LTC2183 Datasheet HTML 4Page - Linear Technology LTC2183 Datasheet HTML 5Page - Linear Technology LTC2183 Datasheet HTML 6Page - Linear Technology LTC2183 Datasheet HTML 7Page - Linear Technology LTC2183 Datasheet HTML 8Page - Linear Technology LTC2183 Datasheet HTML 9Page - Linear Technology LTC2183 Datasheet HTML 10Page - Linear Technology LTC2183 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
21454312p
LTC2145-12/
LTC2144-12/LTC2143-12
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL PARAMETER
CONDITIONS
LTC2145-12
LTC2144-12
LTC2143-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CMOS Output Modes: Full Data Rate and Double Data Rate
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.1
1.8
1.9
1.1
1.8
1.9
1.1
1.8
1.9
V
IVDD
Analog Supply Current
DC Input
Sine Wave Input
l
101.5
102.2
TBD
79.8
80.3
TBD
60.4
60.9
TBD
mA
mA
IOVDD
Digital Supply Current
Sine Wave Input, OVDD = 1.2V
7.3
6.2
4.7
mA
PDISS
Power Dissipation
DC Input
Sine Wave Input, OVDD = 1.2V
l
183
193
TBD
144
152
TBD
109
115
TBD
mW
mW
LVDS Output Mode
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IVDD
Analog Supply Current
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
103.4
104.6
TBD
81.6
82.8
TBD
62.1
63.4
TBD
mA
mA
IOVDD
Digital Supply Current
(0VDD = 1.8V)
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
30.6
57.9
TBD
30.3
57.6
TBD
30.1
57.3
TBD
mA
mA
PDISS
Power Dissipation
Sine Input, 1.75mA Mode
Sine Input, 3.5mA Mode
l
241
293
TBD
201
253
TBD
166
217
TBD
mW
mW
All Output Modes
PSLEEP
Sleep Mode Power
1
1
1
mW
PNAP
Nap Mode Power
16
16
16
mW
PDIFFCLK Power Increase with Differential Encode Mode Enabled
(No increase for Nap or Sleep Modes)
20
20
20
mW
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
LTC2145-12
LTC2144-12
LTC2143-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Note 10)
l
1
125
1
105
1
80
MHz
tL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
3.8
2
4
4
500
500
4.52
2
4.76
4.76
500
500
5.93
2
6.25
6.25
500
500
ns
ns
tH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
3.8
2
4
4
500
500
4.52
2
4.76
4.76
500
500
5.93
2
6.25
6.25
500
500
ns
ns
tAP
Sample-and-Hold
Acquisition Delay Time
000
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (CMOS Modes: Full Data Rate and Double Data Rate)
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.1
1.7
3.1
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1
1.4
2.6
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0
0.3
0.6
ns
Pipeline Latency
Full Data Rate Mode
Double Data Rate Mode
6
6.5
Cycles
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com