Electronic Components Datasheet Search
  English  ▼

X  

LTC2183 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2183
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2183 Datasheet(HTML) 5 Page - Linear Technology

  LTC2183 Datasheet HTML 1Page - Linear Technology LTC2183 Datasheet HTML 2Page - Linear Technology LTC2183 Datasheet HTML 3Page - Linear Technology LTC2183 Datasheet HTML 4Page - Linear Technology LTC2183 Datasheet HTML 5Page - Linear Technology LTC2183 Datasheet HTML 6Page - Linear Technology LTC2183 Datasheet HTML 7Page - Linear Technology LTC2183 Datasheet HTML 8Page - Linear Technology LTC2183 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
21454312p
LTC2145-12/
LTC2144-12/LTC2143-12
INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
0.5 • VDD – 25mV
0.5 • VDD
0.5 • VDD + 25mV
V
VCM Output Temperature Drift
±25
ppm/°C
VCM Output Resistance
–600μA < IOUT < 1mA
4
Ω
VREF Output Voltage
IOUT = 0
1.225
1.250
1.275
V
VREF Output Temperature Drift
±25
ppm/°C
VREF Output Resistance
–400μA < IOUT < 1mA
7
Ω
VREF Line Regulation
1.7V < VDD < 1.9V
0.6
mV/V
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
LTC2145-12
LTC2144-12
LTC2143-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
70MHz Input
140MHz Input
l TBD
70.6
70.5
70.3
TBD
70.5
70.4
70.2
TBD
70.8
70.7
70.5
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
5MHz Input
70MHz Input
140MHz Input
l TBD
89
88
84
TBD
89
88
84
TBD
89
88
84
dBFS
dBFS
dBFS
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
70MHz Input
140MHz Input
l TBD
95
95
95
TBD
95
95
95
TBD
95
95
95
dBFS
dBFS
dBFS
S/(N+D)
Signal-to-Noise Plus
Distortion Ratio
5MHz Input
70MHz Input
140MHz Input
l TBD
70.5
70.4
70
TBD
70.4
70.3
69.9
TBD
70.7
70.6
70.2
dBFS
dBFS
dBFS
Crosstalk
10MHz Input
–110
–110
–110
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com