Electronic Components Datasheet Search
  English  ▼

X  

LTC2183 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2183
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2183 Datasheet(HTML) 1 Page - Linear Technology

  LTC2183 Datasheet HTML 1Page - Linear Technology LTC2183 Datasheet HTML 2Page - Linear Technology LTC2183 Datasheet HTML 3Page - Linear Technology LTC2183 Datasheet HTML 4Page - Linear Technology LTC2183 Datasheet HTML 5Page - Linear Technology LTC2183 Datasheet HTML 6Page - Linear Technology LTC2183 Datasheet HTML 7Page - Linear Technology LTC2183 Datasheet HTML 8Page - Linear Technology LTC2183 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Electrical Specifications Subject to Change
1
21454312p
LTC2145-12/
LTC2144-12/LTC2143-12
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
12-Bit, 125Msps/105Msps/
80Msps Low Power Dual ADCs
n Communications
n Cellular Base Stations
n Software Defined Radios
n Portable Medical Imaging
n Multi-Channel Data Acquisition
n Nondestructive Testing
n 2-Channel Simultaneously Sampling ADC
n 70.6dB SNR
n 89dB SFDR
n Low Power: 183mW/144mW/109mW Total
92mW/72mW/55mW per Channel
n Single 1.8V Supply
n CMOS, DDR CMOS, or DDR LVDS Outputs
n Selectable Input Ranges: 1VP-P to 2VP-P
n 800MHz Full Power Bandwidth S/H
n Optional Data Output Randomizer
n Optional Clock Duty Cycle Stabilizer
n Shutdown and Nap Modes
n Serial SPI Port for Configuration
n 64-Pin (9mm
× 9mm) QFN Package
The LTC
®2145-12/LTC2144-12/LTC2143-12 are 2-channel
simultaneous sampling 12-bit A/D converters designed
for digitizing high frequency, wide dynamic range signals.
They are perfect for demanding communications applica-
tions with AC performance that includes 70.6dB SNR and
89dB spurious free dynamic range (SFDR). Ultralow jitter
of 0.08psRMS allows undersampling of IF frequencies with
excellent noise performance.
DC specs include ±0.3LSB INL (typ), ±0.1LSB DNL (typ)
and no missing codes over temperature. The transition
noise is 0.3LSBRMS.
The digital outputs can be either full rate CMOS, double
data rate CMOS, or double data rate LVDS. A separate
output power supply allows the CMOS output swing to
range from 1.2V to 1.8V.
The ENC+ and ENC– inputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL, or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed for a wide range of
clock duty cycles.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
2-Tone FFT, fIN = 70MHz and 69MHz
CMOS
OR
LVDS
OUTPUTS
1.8V
VDD
1.8V
OVDD
CLOCK
CONTROL
D1_11
D1_0
21454312 TA01a
CH 1
ANALOG
INPUT
OUTPUT
DRIVERS
•
•
•
GND
OGND
S/H
12-BIT
ADC CORE
CH 2
ANALOG
INPUT
S/H
12-BIT
ADC CORE
D2_11
D2_0
•
•
•
125MHz
CLOCK
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
60
21854312 TA01b
FREQUENCY (MHz)
0
10
20
30
40
50
60
21854312 TA01b


Similar Part No. - LTC2183

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2183 LINER-LTC2183 Datasheet
805Kb / 36P
16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2183CUPPBF LINER-LTC2183CUPPBF Datasheet
805Kb / 36P
16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2183IUPPBF LINER-LTC2183IUPPBF Datasheet
805Kb / 36P
16-Bit, 125/105/80Msps Low Power Dual ADCs
LTC2183 LINER-LTC2183_15 Datasheet
809Kb / 36P
16-Bit, 125/105/80Msps Low Power Dual ADCs
More results

Similar Description - LTC2183

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2268-12 LINER-LTC2268-12 Datasheet
1Mb / 32P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2143-12 LINER-LTC2143-12_15 Datasheet
1Mb / 38P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2144-12 LINER-LTC2144-12_15 Datasheet
1Mb / 38P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2145-12 LINER-LTC2145-12_15 Datasheet
1Mb / 38P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2266-12 LINER-LTC2266-12_15 Datasheet
1Mb / 32P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2267-12 LINER-LTC2267-12_15 Datasheet
1Mb / 32P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-12 LINER-LTC2268-12_15 Datasheet
1Mb / 32P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2173-12 LINER-LTC2173-12_15 Datasheet
1Mb / 34P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2174-12 LINER-LTC2174-12_15 Datasheet
1Mb / 34P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2175-12 LINER-LTC2175-12_15 Datasheet
1Mb / 34P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com