Electronic Components Datasheet Search
  English  ▼

X  

LTC2183 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2183
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2183 Datasheet(HTML) 4 Page - Linear Technology

  LTC2183 Datasheet HTML 1Page - Linear Technology LTC2183 Datasheet HTML 2Page - Linear Technology LTC2183 Datasheet HTML 3Page - Linear Technology LTC2183 Datasheet HTML 4Page - Linear Technology LTC2183 Datasheet HTML 5Page - Linear Technology LTC2183 Datasheet HTML 6Page - Linear Technology LTC2183 Datasheet HTML 7Page - Linear Technology LTC2183 Datasheet HTML 8Page - Linear Technology LTC2183 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC2145-12/
LTC2144-12/LTC2143-12
4
21454312p
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
1.7V < VDD < 1.9V
l
1 to 2
VP-P
VIN(CM)
Analog Input Common Mode (AIN+ + AIN–)/2 Differential Analog Input (Note 8)
l
0.7
VCM
1.25
V
VSENSE
External Voltage Reference Applied to SENSE External Reference Mode
l
0.625
1.250
1.300
V
IINCM
Analog Input Common Mode Current
Per Pin, 125Msps
Per Pin, 105Msps
Per Pin, 80Msps
155
130
100
μA
μA
μA
IIN1
Analog Input Leakage Current (No Encode)
0 < AIN+, AIN– < VDD
l
–1
1
μA
IIN2
PAR/SER Input Leakage Current
0 < PAR/SER < VDD
l
–3
3
μA
IIN3
SENSE Input Leakage Current
0.625 < SENSE < 1.3V
l
–6
6
μA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Jitter
Single-Ended Encode
Differential Encode
0.08
0.10
psRMS
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
BW-3B
Full-Power Bandwidth
Figure 6 Test Circuit
800
MHz
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
LTC2145-12
LTC2144-12
LTC2143-12
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Resolution (No Missing Codes)
l
12
12
12
Bits
Integral Linearity Error
Differential Analog Input (Note 6)
l TBD
±0.3
TBD
TBD
±0.3
TBD
TBD
±0.3
TBD
LSB
Differential Linearity Error
Differential Analog Input
l
–1
±0.1
1
–1
±0.1
1
–1
±0.1
1
LSB
Offset Error
(Note 7)
l
–9
±1.5
9
–9
±1.5
9
–9
±1.5
9
mV
Gain Error
Internal Reference
External Reference
l –2.1
±1.5
–0.6
0.9
–2.1
±1.5
–0.6
0.9
–2.1
±1.5
–0.6
0.9
%FS
%FS
Offset Drift
±10
±10
±10
μV/°C
Full-Scale Drift
Internal Reference
External Reference
±30
±10
±30
±10
±30
±10
ppm/°C
ppm/°C
Gain Matching
±0.3
±0.3
±0.3
%FS
Offset Matching
±1.5
±1.5
±1.5
mV
Transition Noise
0.31
0.32
0.30
LSBRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com