Electronic Components Datasheet Search
  English  ▼

X  

LTC2183 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2183
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2183 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2183 Datasheet HTML 25Page - Linear Technology LTC2183 Datasheet HTML 26Page - Linear Technology LTC2183 Datasheet HTML 27Page - Linear Technology LTC2183 Datasheet HTML 28Page - Linear Technology LTC2183 Datasheet HTML 29Page - Linear Technology LTC2183 Datasheet HTML 30Page - Linear Technology LTC2183 Datasheet HTML 31Page - Linear Technology LTC2183 Datasheet HTML 32Page - Linear Technology LTC2183 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
21454312p
LTC2145-12/
LTC2144-12/LTC2143-12
REGISTER A3: OUTPUT MODE REGISTER (ADDRESS 03h)
D7
D6
D5
D4
D3
D2
D1
D0
X
ILVDS2
ILVDS1
ILVDS0
TERMON
OUTOFF
OUTMODE1
OUTMODE0
Bit 7
Unused, Don’t Care Bit.
Bits 6-4
ILVDS2:ILVDS0 LVDS Output Current Bits
000 = 3.5mA LVDS Output Driver Current
001 = 4.0mA LVDS Output Driver Current
010 = 4.5mA LVDS Output Driver Current
011 = Not Used
100 = 3.0mA LVDS Output Driver Current
101 = 2.5mA LVDS Output Driver Current
110 = 2.1mA LVDS Output Driver Current
111 = 1.75mA LVDS Output Driver Current
Bit 3
TERMON
LVDS Internal Termination Bit
0 = Internal Termination Off
1 = Internal Termination On. LVDS Output Driver Current is 2
× the Current Set by ILVDS2:ILVDS0
Bit 2
OUTOFF
Output Disable Bit
0 = Digital Outputs Are Enabled
1 = Digital Outputs Are Disabled and Have High Output Impedance
Note: If the Digital Outputs Are Disabled the Part Should Also Be Put in Sleep or Nap Mode (Both Channels).
Bits 1-0
OUTMODE1:OUTMODE0
Digital Output Mode Control Bits
00 = Full Rate CMOS Output Mode
01 = Double Data Rate LVDS Output Mode
10 = Double Data Rate CMOS Output Mode
11 = Not Used
REGISTER A4: DATA FORMAT REGISTER (ADDRESS 04h)
D7
D6
D5
D4
D3
D2
D1
D0
X
X
OUTTEST2
OUTTEST1
OUTTEST0
ABP
RAND
TWOSCOMP
Bit 7-6
Unused, Don’t Care Bits.
Bits 5-3
OUTTEST2:OUTTEST0
Digital Output Test Pattern Bits
000 = Digital Output Test Patterns Off
001 = All Digital Outputs = 0
011 = All Digital Outputs = 1
101 = Checkerboard Output Pattern. OF, D11-D0 Alternate Between 1 0101 0101 0101 and 0 1010 1010 1010
111 = Alternating Output Pattern. OF, D11-D0 Alternate Between 0 0000 0000 0000 and 1 1111 1111 1111
Note: Other Bit Combinations Are not Used
Bit 2
ABP
Alternate Bit Polarity Mode Control Bit
0 = Alternate Bit Polarity Mode Off
1 = Alternate Bit Polarity Mode On. Forces the Output Format to Be Offset Binary
Bit 1
RAND
Data Output Randomizer Mode Control Bit
0 = Data Output Randomizer Mode Off
1 = Data Output Randomizer Mode On
Bit 0
TWOSCOMP
Two’s Complement Mode Control Bit
0 = Offset Binary Data Format
1 = Two’s Complement Data Format
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com