Electronic Components Datasheet Search
  English  ▼

X  

LTC2183 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2183
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2183 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2183 Datasheet HTML 14Page - Linear Technology LTC2183 Datasheet HTML 15Page - Linear Technology LTC2183 Datasheet HTML 16Page - Linear Technology LTC2183 Datasheet HTML 17Page - Linear Technology LTC2183 Datasheet HTML 18Page - Linear Technology LTC2183 Datasheet HTML 19Page - Linear Technology LTC2183 Datasheet HTML 20Page - Linear Technology LTC2183 Datasheet HTML 21Page - Linear Technology LTC2183 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC2145-12/
LTC2144-12/LTC2143-12
18
21454312p
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
D1_0_1–/D1_0_1+ toD1_10_11–/D1_10_11+ (Pins 47/48,
49/50, 51/52, 53/54, 55/56, 57/58): Channel 2 Double
Data Rate Digital Outputs. Two data bits are multiplexed
onto each differential output pair. The even data bits (D0,
D2, D4, D6, D8, D10) appear when CLKOUT+ is low. The
odd data bits (D1, D3, D5, D7, D9, D11) appear when
CLKOUT+ is high.
OF2_1–/OF2_1+ (Pins 59/60):
Over/Underflow Digital
Output. OF2_1+ is high when an overflow or underflow
has occurred. The over/under flow for both channels
are multiplexed onto this pin. Channel 2 appears when
CLKOUT+ is low, and Channel 1 appears when CLKOUT+
is high.
DIFF
REF
AMP
REF
BUF
2.2μF
0.1μF
0.1μF
INTERNAL CLOCK SIGNALS
REFH
REFL
CLOCK/DUTY
CYCLE
CONTROL
RANGE
SELECT
1.25V
REFERENCE
ENC+
REFH
REFL
ENC–
CORRECTION
LOGIC
SDO
CS
OGND
OF1
OVDD
D1_11
CLKOUT–
CLKOUT+
D1_0
21854312 F01
SENSE
VREF
CH 1
ANALOG
INPUT
2.2μF
VCM1
0.1μF
VDD/2
OUTPUT
DRIVERS
MODE
CONTROL
REGISTERS
SCK
PAR/SER
SDI
•
•
•
GND
S/H
12-BIT
ADC CORE
CH 2
ANALOG
INPUT
S/H
12-BIT
ADC CORE
VCM2
0.1μF
OF2
D2_11
D2_0
•
•
•
VDD
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com