Electronic Components Datasheet Search
  English  ▼

X  

ICE2AS01 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE2AS01 Datasheet HTML 1Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 2Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 3Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 4Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 5Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 6Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 7Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Datasheet
3
30 Jun 2006
Type
Frequency
Package
ICE2AS01
100kHz
PG-DIP-8
ICE2AS01G
100kHz
PG-DSO-8
ICE2BS01
67kHz
PG-DIP-8
ICE2BS01G
67kHz
PG-DSO-8
ICE2AS01/S01G
ICE2BS01/S01G
P-DIP-8-4
PG-DIP-8
P-DSO-8-3
PG-DSO-8
C
Soft Start
C
VCC
R
Start-up
VCC
-
Converter
DC Output
+
ICE2AS01(G) / ICE2BS01(G)
Snubber
Power
Management
Protection Unit
Soft-Start Control
PWM Controller
Current Mode
FB
85 ... 270 VAC
Feedback
Feedback
Typical Application
Low Power
StandBy
Precise Low Tolerance
Peak Current Limitation
R
Sense
Isense
GND
SoftS
Gate
Off-Line SMPS Current Mode Controller
Product Highlights
• Enhanced Protection Functions all
with Auto Restart
• Lowest Standby Power Dissipation
• Very Accurate Current Limiting
• PB-free Plating and RoHS compliant
Features
• Only few external Components required
• Input Undervoltage Lockout
• 67kHz/100kHz fixed Switching Frequency
• Max Duty Cycle 72%
• Low Power Standby Mode to support
“Blue Angel” Norm
• Latched Thermal Shut Down
• Overload and Open Loop Protection
• Overvoltage Protection during Auto Restart
• Adjustable Peak Current Limitation via
External Resistor
• Overall Tolerance of Current Limiting
< ±5%
• Internal Leading Edge Blanking
• Soft Start
• Soft gate driving for Low EMI
Description
This stand alone controller provides several special
enhancements to satisfy the needs for low power standby
and protection features. In standby mode frequency
reduction is used to lower the power consumption and
provide a stable output voltage in this mode. The frequency
reduction is limited to 20kHz / 21.5 kHz (typ.) to avoid
audible noise. In case of failure modes like open loop,
overvoltage or overload due to short circuit the device
switches in Auto Restart Mode which is controlled by the
internal protection unit. By means of the internal precise
peak current limitation the dimension of the transformer and
the secondary diode can be lower which leads to more cost
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com