Electronic Components Datasheet Search
  English  ▼

X  

ICE2AS01 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # ICE2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 12Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 19Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ICE2AS01/S01G
ICE2BS01/S01G
Electrical Characteristics
Datasheet
16
30 Jun 2006
4.3
Characteristics
Note:
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage
and junction temperature range TJ from – 25 °C to 125 °C.Typical values represent the median values,
which are related to 25°C. If not otherwise stated, a supply voltage of VCC = 15 V is assumed.
4.3.1
Supply Section
4.3.2
Internal Voltage Reference
4.3.3
Control Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Start Up Current
IVCC1
-27
55
µA
VCC=VCCon -0.1V
Supply Current with Inactive
Gate
IVCC2
-5.3
7
mA
VSoftS = 0
IFB = 0
Supply Current with Active
Gate
ICE2AS01/G
IVCC3
-6.5
8
mA
VSoftS = 5V
IFB = 0
CGate = 1nF
Supply Current with Active
Gate
ICE2BS01/G
IVCC3
-6
7.5
mA
VSoftS = 5V
IFB = 0
CGate = 1nF
VCC Turn-On Threshold
VCC Turn-Off Threshold
VCC Turn-On/Off Hysteresis
VCCon
VCCoff
VCCHY
13
-
4.5
13.5
8.5
5
14
-
5.5
V
V
V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Trimmed Reference Voltage
VREF
6.37
6.50
6.63
V
measured at pin FB
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Oscillator Frequency
ICE2AS01/G
fOSC1
93
100
107
kHz
VFB = 4V
Oscillator Frequency
ICE2BS01/G
fOSC3
62
67
72
kHz
VFB = 4V
Reduced Osc. Frequency
ICE2AS01/G
fOSC2
-21.5
-
kHz
VFB = 1V
Reduced Osc. Frequency
ICE2AS01/G
fOSC4
-20
-
kHz
VFB = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com