Electronic Components Datasheet Search
  English  ▼

X  

ICE2AS01 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 4Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 5Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 6Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 7Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 9Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 11Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Datasheet
8
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Functional Description
The primary current is sensed by the series resistor
RSense inserted in the source of the external Power
Switch. By means of Current Mode the regulation of the
secondary voltage is insensitive on line variations. Line
variation causes variation of the increasing current
slope which controls the duty cycle.
The external RSense allows an individual adjustment of
the maximum source current of the external Power
Switch.
Figure 6
Improved Current Mode
To improve the Current Mode during light load
conditions the amplified current ramp of the PWM-OP
is superimposed on a voltage ramp, which is built by
the switch T2, the voltage source V1 and the 1st order
low pass filter composed of R1 and C1 (see Figure 6,
Figure 7). Every time the oscillator shuts down for max.
duty cycle limitation the switch T2 is closed by VOSC.
When the oscillator triggers the Gate Driver T2 is
opened so that the voltage ramp can start (see Figure
7).
In case of light load the amplified current ramp is to
small to ensure a stable regulation. In that case the
Voltage Ramp is a well defined signal for the
comparison with the FB-signal. The duty cycle is then
controlled by the slope of the Voltage Ramp.
By means of the C5 Comparator the Gate Driver is
switched-off until the voltage ramp exceeds 0.3V. It
allows the duty cycle to be reduced continuously till 0%
by decreasing VFB below that threshold.
Figure 7
Light Load Conditions
3.2.1
PWM-OP
The input of the PWM-OP is applied over the internal
leading edge blanking to the external sense resistor
RSense connected to pin ISense. RSense converts the
source current into a sense voltage. The sense voltage
is amplified with a gain of 3.65 by PWM OP. The output
of the PWM-OP is connected to the voltage source V1.
The voltage ramp with the superimposed amplified
current signal is fed into the positive inputs of the PWM-
Comparator, C5 and the Soft-Start-Comparator.
3.2.2
PWM-Comparator
The PWM-Comparator compares the sensed current
signal of the external Power Switch with the feedback
signal VFB (see Figure 8). VFB is created by an external
optocoupler or external transistor in combination with
the internal pullup resistor RFB and provides the load
information of the feedback circuitry. When the
amplified current signal of the external Power Switch
exceeds the signal VFB the PWM-Comparator switches
off the Gate Driver.
x3.65
PWM OP
0.8V
10k
Ω
Oscillator
PWM Comparator
20pF
T
2
R
1
C
1
FB
PWM-Latch
V
1
C5
0.3V
Gate Driver
Voltage Ramp
V
OSC
Soft-Start Comparator
t
t
V
OSC
0.8V
FB
Gate Driver
Voltage Ramp
t
max.
Duty Cycle
0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com