Electronic Components Datasheet Search
  English  ▼

X  

ICE2AS01 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # ICE2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 9Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 11Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 12Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Datasheet
12
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Functional Description
transistors as well as to protect them against
undesirable gate overvoltages.
Figure 17 Gate Driver
At voltages below the undervoltage lockout threshold
VVCCoff the gate drive is active low.
The driver-stage is optimized to minimize EMI and to
provide high circuit efficiency. This is done by reducing
the switch on slope when reaching the external Power
Switch threshold. This is achieved by a slope control of
the rising edge at the driver’s output (see Figure 18).
Figure 18 Gate Rising Slope
Thus the leading switch on spike is minimized. When
the external Power Switch is switched off, the falling
shape of the driver is slowed down when reaching 2V
to prevent an overshoot below ground. Furthermore the
driver circuit is designed to eliminate cross conduction
of the output stage.
3.8
Protection Unit (Auto Restart Mode)
An overload, open loop and overvoltage detection is
integrated within the Protection Unit. These three
failure modes are latched by an Error-Latch. Additional
thermal shutdown is latched by the Error-Latch. In case
of those failure modes the Error-Latch is set after a
blanking time of 5µs and the external Power Switch is
shut down. That blanking prevents the Error-Latch from
distortions caused by spikes during operation mode.
3.8.1
Overload & Open loop with normal
load
Figure 19 Auto Restart Mode
Figure 19 shows the Auto Restart Mode in case of
overload or open loop with normal load. The detection
of open loop or overload is provided by the Comparator
C3, C4 and the AND-gate G2 (see Figure20).
Z1
VCC
1
PWM-Latch
Gate
t
V
Gate
5V
C
Load = 1nF
ca. t = 130ns
Overload & Open loop/normal load
FB
t
4.8V
5.3V
SoftS
5µs Blanking
Failure
Detection
Soft-Start Phase
VCC
13.5V
8.5V
t
Driver
t
T
Restart
T
Burst1
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com