Electronic Components Datasheet Search
  English  ▼

X  

ICE2AS01 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ICE2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 3Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 4Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 5Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 6Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 7Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 9Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Datasheet
7
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Functional Description
3
Functional Description
3.1
Power Management
Figure 3
Power Management
The Undervoltage Lockout monitors the external
supply voltage VVCC. In case the IC is inactive the
current consumption is max. 55µA. When the SMPS is
plugged to the main line the current through RStart-up
charges the external Capacitor CVCC. When VVCC
exceeds the on-threshold VCCon=13.5V the internal bias
circuit and the voltage reference are switched on. After
it the internal bandgap generates a reference voltage
VREF=6.5V to supply the internal circuits. To avoid
uncontrolled ringing at switch-on a hysteresis is
implemented which means that switch-off is only after
active mode when Vcc falls below 8.5V.
In case of switch-on a Power Up Reset is done by
reseting the internal error-latch in the protection unit.
When VVCC falls below the off-threshold VCCoff=8.5V the
internal reference is switched off and the Power Down
reset let T1 discharging the soft-start capacitor CSoft-Start
at pin SoftS. Thus it is ensured that at every switch-on
the voltage ramp at pin SoftS starts at zero.
3.2
Improved Current Mode
Figure 4
Current Mode
Current Mode means that the duty cycle is controlled
by the slope of the primary current. This is done by
comparison the FB signal with the amplified current
sense signal.
Figure 5
Pulse Width Modulation
In case the amplified current sense signal exceeds the
FB signal the on-time Ton of the driver is finished by
reseting the PWM-Latch (see Figure 5).
Internal
Bias
Voltage
Reference
6.5V
4.8V
Undervoltage
Lockout
13.5V
8.5V
Power-Down
Reset
Power-Up
Reset
Power Management
5.3V
4.0V
T1
PWM-Latch
R
S
Q
Q
Error-Latch
SoftS
6.5V
Error-Detection
VCC
Main Line (100V-380V)
Primary Winding
Soft-Start Comparator
C
VCC
R
Soft-Start
R
Start-Up
C
Soft-Start
x3.65
PWM OP
Improved
Current Mode
0.8V
PWM Comparator
PWM-Latch
Isense
FB
R
S
Q
Q
Driver
Soft-Start Comparator
t
FB
Amplified Current Signal
T
on
t
0.8V
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com