Electronic Components Datasheet Search
  English  ▼

X  

ICE2AS01 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # ICE2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 11Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 12Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Datasheet
14
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Functional Description
Figure 22 Overvoltage Detection
The overvoltage detection is provided by Comparator
C1 only in the first time during the Auto Restart Mode
till the Soft-Start voltage exceeds the threshold of the
Comparator C2 at 4.0V and the voltage at pin FB is
above 4.8V. When VCC exceeds 16.5V during the
overvoltage detection phase C1 can set the Error-Latch
and the Burst Phase during Auto Restart Mode is
finished earlier. In that case TBurst2 is shorter than TSoft-
Start. By means of C2 the normal operation mode is
prevented from overvoltage detection due to varying of
VCC concerning the regulation of the converter output.
When the voltage VSoftS is above 4.0V the overvoltage
detection by C1 is deactivated.
3.8.3
Thermal Shut Down
Thermal Shut Down is latched by the Error-Latch when
junction temperature Tj of the pwm controller is
exceeding an internal threshold of 140°C. In that case
the IC switches in Auto Restart Mode.
Note:
All the values which are mentioned in the
functional description are typical. Please refer
to Electrical Characteristics for min/max limit
values.
6.5V
C
Soft-Start
VCC
R
Soft-Start
C1
16.5V
C2
4.0V
T1
SoftS
G1
Error Latch
Power Up Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com