Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33904
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
TXD
LIN
RXD
tBIT
tBIT
tBUS_DOM(MAX)
tBUS_REC(MIN)
tREC_PDF(1)
77.8% VSUP
38.9% VSUP
61.6% VSUP
25.1% VSUP
tBUS_REC(MAX)
VLIN_REC
tBUS_DOM(MIN)
RXD
Output of receiving Node 1
Output of receiving Node 2
THREC(MAX)
THDOM(MAX)
THREC(MIN)
THDOM(MIN)
Thresholds of
receiving node 1
Thresholds of
receiving node 2
tREC_PDR(1)
tREC_PDF(2)
tREC_PDR(2)
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33903/4/5
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 21. LIN Timing Measurements for Slow Slew Rate
VDD
LIN
V
TT
Dominant level
0.4 V
V
3V
SUP
PROPWL
WAKE
BUSWU
REC
Figure 22. LIN Wake-up LP VDD OFF Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com