Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33904
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33903/4/5
PIN CONNECTIONS
39
20
20
N/A
22
22
VSENSE
Input
Sense input
Direct battery voltage input sense. A
serial resistor is required to limit the input
current during high voltage transients.
40
21
21
N/A
N/A
N/A
I/O-1
Input/
Output
Input Output
1
Configurable pin as an input or output,
for connection to external circuitry
(switched or small load). The voltage
level can be read by the SPI and the
MUX output pin. The input can be used
as a programmable Wake-Up input in
(LP) Mode. It can be used in association
with
I/O-0 for a cyclic sense function in (LP)
Mode.
41
22
22
22
23
23
RST
Output
Reset Output
(Active LOW)
This is the device reset output whose
main function is to reset the MCU. This
pin has an internal pull-up to VDD. The
reset input voltage is also monitored in
order to detect external reset and safe
conditions.
42
23
23
23
24
24
INT
Output
Interrupt
Output
(Active LOW)
This output is asserted low when an
enabled interrupt condition occurs. This
pin is an open drain structure with an
internal pull up resistor to VDD.
43
24
24
24
25
25
CS
Input
Chip Select
(Active LOW)
Chip select pin for the SPI. When the CS
is low, the device is selected. In (LP)
Mode with VDD ON, a transition on CS is
a Wake-Up condition
44
25
25
25
26
26
SCLK
Input
Serial Data
Clock
Clock input for the Serial Peripheral
Interface (SPI) of the device
45
26
26
26
27
27
MOSI
Input
Master Out/
Slave In
SPI data received by the device
46
27
27
27
28
28
MISO
Output
Master In/
Slave Out
SPI data sent to the MCU. When the CS
is high, MISO is high-impedance
47
28
28
28
29
29
VDD
Output
Voltage
Digital Drain
5.0 or 3.3 V output pin of the main
regulator for the Microcontroller supply.
48
29
29
29
30
30
TXD
Input
Transmit Data CAN bus transmit data input. Internal
pull-up to VDD
49
30
30
30
31
31
RXD
Output
Receive Data CAN bus receive data output
50
31
31
N/A
32
32
VE
Voltage
Emitter
Connection to the external PNP path
transistor. This is an intermediate current
supply source for the VDD regulator
51
32
32
N/A
1
1
VB
Output
Voltage Base Base output pin for connection to the
external PNP pass transistor
EX PAD EX PAD EX PAD EX PAD EX PAD EX PAD
GND
Ground
Ground
Ground
Table 2. 33903/4/5 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 34.
54 Pin
33905D
32 Pin
33905S
32 Pin
33904
32 Pin
33903
32 Pin
33903D
32 Pin
33903S
Pin Name
Pin
Function
Formal
Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com