Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # 33904
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 87Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 88Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
85
33903/4/5
SERIAL PERIPHERAL INTERFACE
FLAGS AND DEVICE STATUS
CAN
CAN driver
state
Description
Report real time CAN bus driver state: 1 if Driver is enable, 0 if driver disable
Set / Reset condition
Set: CAN driver is enable. Reset: CAN driver is disable. Driver can be disable by SPI command (ex
CAN set in RXD only Mode) or following a failure event (ex: TXD Dominant). Flag read SPI command
(0x2180) do not clear the flag, as it is “real time” information.
CAN receiver
state
Description
Report real time CAN bus receiver state: 1 if Enable, 0 if disable
Set / Reset condition
Set: CAN bus receiver is enable. Reset: CAN bus receiver is disable. Receiver disable by SPI
command (ex: CAN set in sleep Mode). Flag read SPI command (0x2180) do not clear the flag, as it
is “real time” information.
CAN WU
enable
Description
Report real time CAN bus Wake-Up receiver state: 1 if WU receiver is enable, 0 if disable
Set / Reset condition
Set: CAN Wake-Up receiver is enable. Reset: CAN Wake-Up receiver is disable. Wake-Up receiver
is controlled by SPI, and is active by default after device Power ON. SPI command (0x2180) do not
change flag state.
CAN
Wake-Up
Description
Report that Wake-Up source is CAN
Set / Reset condition
Set: after CAN wake detected. Reset: Flag read (SPI)
CAN Over-
temp
Description
Report that the CAN interface has reach over-temperature threshold.
Set / Reset condition
Set: CAN thermal sensor above threshold. Reset: thermal sensor below threshold and flag read (SPI)
RXD low
Description
Report that RXD pin is shorted to GND.
Set / Reset condition
Set: RXD low failure detected. Reset: failure recovered and flag read (SPI)
Rxd high
Description
Report that RXD pin is shorted to recessive voltage.
Set / Reset condition
Set: RXD high failure detected. Reset: failure recovered and flag read (SPI)
TXD dom
Description
Report that TXD pin is shorted to GND.
Set / Reset condition
Set: TXD low failure detected. Reset: failure recovered and flag read (SPI)
Bus Dom
clamp
Description
Report that the CAN bus is dominant for a time longer than tDOM
Set / Reset condition
Set: Bus dominant clamp failure detected. Reset: failure recovered and flag read (SPI)
CAN Over-
current
Description
Report that the CAN current is above CAN over-current threshold.
Set / Reset condition
Set: CAN current above threshold. Reset: current below threshold and flag read (SPI)
CAN_UF
Description
Report that the CAN failure detection has not yet identified the bus failure
Set / Reset condition
Set: bus failure pre detection. Reset: CAN bus failure recovered and flag read
CAN_F
Description
Report that the CAN failure detection has identified the bus failure
Set / Reset condition
Set: bus failure complete detetction.Reset: CAN bus failure recovered and flag read
CANL
to VBAT
Description
Report CAN L short to VBAT failure
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
CANL to VDD
Description
Report CANL short to VDD
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
CANL to GND Description
Report CAN L short to GND failure
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
CANH
to VBAT
Description
Report CAN H short to VBAT failure
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
CANH to VDD
Description
Report CANH short to VDD
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
CANH to
GND
Description
Report CAN H short to GND failure
Set / Reset condition
Set: failure detected. Reset failure recovered and flag read (SPI)
Table 38. Flag Descriptions
Flag
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com