Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # 33904
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 78Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 79Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
Table 36. LIN2 Register(41)
MOSI First byte [15-8]
[b_15 b_14] 10_010 [P/N]
MOSI Second Byte, bits 7-0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
01 10_ 100P
LIN mode[1]
LIN mode[0]
Slew rate[1]
Slew rate[0]
-
LIN T2 on
-
Vsup ext
Default state
0
0
0
0
0
0
0
0
Condition for default
POR
Bits
Description
b7 b6
LIN mode [1], LIN mode [0] - LIN 2 interface mode control, Wake-Up enable / disable
00
LIN2 disable, Wake-Up capability disable
01
not used
10
LIN2 disable, Wake-Up capability enable
11
LIN2 Transmit Receive Mode(40)
b5 b4
Slew rate[1], Slew rate[0] LIN 2slew rate selection
00
Slew rate for 20 kbit/s baud rate
01
Slew rate for 10 kbit/s baud rate
10
Slew rate for fast baud rate
11
Slew rate for fast baud rate
b2
LIN T2 on
0
LIN 2 termination OFF
1
LIN 2 termination ON
b0
VSUP ext
0
LIN goes recessive when device VSUP/2 is below typically 6.0 V. This is to meet J2602 specification
1
LIN continues operation below VSUP/2 6.0 V, until 5 V-CAN is disabled.
Notes
40.
The LIN interface can be set in TXD/RXD Mode only when the TXD-L input signal is in a recessive state. An attempt to set TXD/RXD
Mode while TXD-L is low, will be ignored and the LIN interface will remain disabled.
41.
In order to use the LIN interface, the 5V-CAN regulator must be set to ON.
Analog Integrated Circuit Device Data
82
Freescale Semiconductor
33903/4/5
SERIAL PERIPHERAL INTERFACE
DETAIL OF CONTROL BITS AND REGISTER MAPPING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com