Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 33904
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Table 16. Initialization Watchdog Registers, INIT watchdog (note: register can be written only in INIT Mode)
MOSI First Byte [15-8]
[b_15 b_14] 0_0110 [P/N]
MOSI Second Byte, bits 7-0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
01 00 _ 110 P
WD2INT
MCU_OC
OC-TIM
WD Safe
WD_spi[1]
WD_spi[0]
WD N/Win
Crank
Default state
0
1
0
0
0
1
0
Condition for default
POR
Analog Integrated Circuit Device Data
Freescale Semiconductor
69
33903/4/5
SERIAL PERIPHERAL INTERFACE
DETAIL OF CONTROL BITS AND REGISTER MAPPING
Bit
Description
b7
WD2INT - Select the maximum time delay between INT occurrence and INT source read SPI command
0
Function disable. No constraint between INT occurrence and INT source read.
1
INT source read must occur before the remaining of the current watchdog period plus 2 complete watchdog periods.
b6, b5
MCU_OC, OC-TIM - In LP VDD ON, select watchdog refresh and VDD current monitoring functionality. VDD_OC_LP threshold is defined in device
electrical parameters (approx 1.5 mA)
In LP Mode, when watchdog is not selected
no watchdog
+ 00
In LP VDD ON Mode, VDD over-current has no effect
no watchdog
+ 01
In LP VDD ON Mode, VDD over-current has no effect
no watchdog
+ 10
In LP VDD ON Mode, VDD current > VDD_OC_LP threshold for a time > 100 μs (typically) is a Wake-Up event
no watchdog
+ 11
In LP VDD ON Mode, VDD current > VDD_OC_LP threshold for a time > I_mcu_OC is a Wake-Up event. I_mcu_OC time is selected in Timer register
(selection range from 3.0 to 32 ms)
In LP Mode when watchdog is selected
watchdog +
00
In LP VDD ON Mode, VDD current > VDD_OC_LP threshold has no effect. watchdog refresh must occur by SPI command.
watchdog +
01
In LP VDD ON Mode, VDD current > VDD_OC_LP threshold has no effect. watchdog refresh must occur by SPI command.
watchdog +
10
In LP VDD ON Mode, VDD over-current for a time > 100 μs (typically) is a Wake-Up event.
watchdog +
11
In LP VDD ON Mode, VDD current > VDD_OC_LP threshold for a time < I_mcu_OC is a watchdog refresh condition. VDD current > VDD_OC_LP
threshold for a time > I_mcu_OC is Wake-Up event. I_mcu_OC time is selected in Timer register (selection range from 3.0 to 32 ms)
b4
WD Safe - Select the activation of the SAFE pin low, at first or second consecutive RESET pulse
0
SAFE pin is set low at the time of the RESET pin low activation
1
SAFE pin is set low at the second consecutive time RESET pulse
b3, b2
WD_spi[1] WD_spi[0] - Select the Watchdog (watchdog) Operation
00
Simple Watchdog selection: watchdog refresh done by a 8 bits or 16 bits SPI
01
Enhanced 1: Refresh is done using the Random Code, and by a single 16 bits.
10
Enhanced 2: Refresh is done using the Random Code, and by two 16 bits command.
11
Enhanced 4: Refresh is done using the Random Code, and by four 16 bits command.
b1
WD N/Win - Select the Watchdog (watchdog) Window or Timeout operation
0
Watchdog operation is TIMEOUT, watchdog refresh can occur anytime in the period
1
Watchdog operation is WINDOW, watchdog refresh must occur in the open window (second half of period)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com