Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33904
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33903/4/5
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are referenced to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS(2)
Supply Voltage at VSUP/1 and VSUP2
Normal Operation (DC)
Transient Conditions (Load Dump)
VSUP1/2
VSUP1/2TR
-0.3 to 28
-0.3 to 40
V
DC voltage on LIN/1 and LIN2
Normal Operation (DC)
Transient Conditions (Load Dump)
VBUSLIN
VBUSLINTR
-28 to 28
-28 to 40
V
DC voltage on CANL, CANH, SPLIT
Normal Operation (DC)
Transient Conditions (Load Dump)
VBUS
VBUSTR
-28 to 28
-32 to 40
V
DC Voltage at SAFE
Normal Operation (DC)
Transient Conditions (Load Dump)
VSAFE
VSAFETR
-0.3 to 28
-0.3 to 40
V
DC Voltage at I/O-0, I/O-1, I/O-2, I/O-3 (LIN-T Pins)
Normal Operation (DC)
Transient Conditions (Load Dump)
VI/O
VI/OTR
-0.3 to 28
-0.3 to 40
V
DC voltage on TXD-L, TXD-L1 TXD-L2, RXD-L, RXD-L1, RXD-L2
VDIGLIN
-0.3 to
VDD +0.3
V
DC voltage on TXD, RXD(4)
VDIG
-0.3 to
VDD +0.3
V
DC Voltage at INT
VINT
-0.3 to 10
V
DC Voltage at RST
VRST
-0.3 to
VDD +0.3
V
DC Voltage at MOSI, MSIO, SCLK and CS
VRST
-0.3 to
VDD +0.3
V
DC Voltage at MUX-OUT
VMUX
-0.3 to
VDD +0.3
V
DC Voltage at DBG
VDBG
-0.3 to 10
V
Continuous current on CANH and CANL
ILH
200
mA
DC voltage at VDD, 5V-CAN, VAUX, VCAUX
VREG
-0.3 to 5.5
V
DC voltage at VBASE(3) and VBAUX
VREG
-0.3 to 40
V
DC voltage at VE(4)
VE
-0.3 to 40
V
DC voltage at VSENSE
VSENSE
-28 to 40
V
Notes
2.
The voltage on non-VSUP pins should never exceed the VSUP voltage at any time or permanent damage to the device may occur.
3.
If the voltage delta between VSUP/1/2 and VBASE is greater than 6.0 V, the external VDD ballast current sharing functionality may be
damaged.
4.
Potential Electrical Over Stress (EOS) damage may occur if RXD is in contact with VE while the device is ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com