Electronic Components Datasheet Search
  English  ▼

X  

AD6641 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6641
Description  250 MHz Bandwidth DPD Observation Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6641 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6641 Datasheet HTML 9Page - Analog Devices AD6641 Datasheet HTML 10Page - Analog Devices AD6641 Datasheet HTML 11Page - Analog Devices AD6641 Datasheet HTML 12Page - Analog Devices AD6641 Datasheet HTML 13Page - Analog Devices AD6641 Datasheet HTML 14Page - Analog Devices AD6641 Datasheet HTML 15Page - Analog Devices AD6641 Datasheet HTML 16Page - Analog Devices AD6641 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD6641
Rev. 0 | Page 13 of 28
PD0
VIN+
VIN–
AVDD
AVDD
AVDD
CML
AVDD
AVDD
AVDD
AVDD
AVDD
VREF
AVDD
SPI_VDDIO
DNC
DNC
PD1
PD2
PD3
DRVDD
DRGND
PD4
PD5
PD6
PD7
PD8
PD9
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
35
36
37
38
39
40
41
42
34
33
32
31
30
29
AD6641
TOP VIEW
(Not to Scale)
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD IS THE ONLY ANALOG GROUND
CONNECTION FOR THE CHIP. IT MUST BE CONNECTED TO PCB AGND.
Figure 9. Pin Configuration for Parallel CMOS Mode
Table 9. Parallel CMOS Mode Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Pad. The exposed pad is the only ground connection for the chip. The pad must be
connected to PCB AGND.
1, 2, 18, 19, 20, 28, 54
DNC
Do Not Connect. Do not connect to this pin.
3
PD0
PD0 Data Output.
4
PD1
PD1 Data Output.
5
PD2
PD2 Data Output.
6
PD3
PD3 Data Output.
7, 24, 47
DRVDD
1.9 V Digital Output Supply.
8, 23, 48
DRGND
Digital Output Ground.
9
PD4
PD4 Data Output.
10
PD5
PD5 Data Output.
11
PD6
PD6 Data Output.
12
PD7
PD7 Data Output.
13
PD8
PD8 Data Output.
14
PD9
PD9 Data Output.
15
PD10
PD10 Data Output.
16
PD11
PD11 Data Output (MSB).
17
SP_SDO
SPORT Output.
21
SP_SDFS
SPORT Frame Sync Input (Slave Mode)/Output (Master Mode).
22
SP_SCLK
SPORT Clock Input (Slave Mode)/Output (Master Mode).
25
SDIO
Serial Port Interface (SPI) Data Input/Output (Serial Port Mode).
26
SCLK
Serial Port Interface Clock (Serial Port Mode).
27
CSB
Serial Port Chip Select (Active Low).
29
SPI_VDDIO
1.9 V or 3.3 V SPI I/O Supply.
30, 32, 33, 34, 37, 38, 39,
41, 42, 43, 46
AVDD
1.9 V Analog Supply.
31
VREF
Voltage Reference Input/Output. Nominally 0.75 V.
35
VIN+
Analog Input—True.
36
VIN−
Analog Input—Complement.
40
CML
Common-Mode Output. Enabled through the SPI, this pin provides a reference for the
optimized internal bias voltage for VIN+ and VIN−.
44
CLK+
Clock Input—True.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com