Electronic Components Datasheet Search
  English  ▼

X  

AD6641 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6641
Description  250 MHz Bandwidth DPD Observation Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6641 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6641 Datasheet HTML 13Page - Analog Devices AD6641 Datasheet HTML 14Page - Analog Devices AD6641 Datasheet HTML 15Page - Analog Devices AD6641 Datasheet HTML 16Page - Analog Devices AD6641 Datasheet HTML 17Page - Analog Devices AD6641 Datasheet HTML 18Page - Analog Devices AD6641 Datasheet HTML 19Page - Analog Devices AD6641 Datasheet HTML 20Page - Analog Devices AD6641 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD6641
Rev. 0 | Page 17 of 28
0
20
40
60
80
100
120
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dBFS)
SFDR, 1.9V
SFDRFS, 1.9V
IMD3FS, 1.9V
SFDR, 1.8V
SFDRFS, 1.8V
IMD3FS, 1.8V
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 22. Two-Tone SFDR vs. Input Amplitude;
500 MSPS, 119.2 MHz, 122.5 MHz
0
20
40
60
80
100
120
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dBFS)
SFDR, 1.9V
SFDRFS, 1.9V
IMD3FS, 1.9V
SFDR, 1.8V
SFDRFS, 1.8V
IMD3FS, 1.8V
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 23. Two-Tone SFDR vs. Input Amplitude;
500 MSPS, 139.3 MHz, 141.3 MHz
50
55
60
65
70
75
80
85
90
1.75
1.80
1.85
1.90
1.95
2.00
POWER SUPPLY (V)
SNR (dBFS)
SFDR (dBc)
Figure 24. SNR/SFDR vs. Power Supply
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
350
400
250
300
350
400
450
500
550
SAMPLE RATE (MSPS)
TOTAL POWER
IAVDD
IDRVDD
Figure 25. Current and Power vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com