Electronic Components Datasheet Search
  English  ▼

X  

AD6641 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6641
Description  250 MHz Bandwidth DPD Observation Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6641 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6641 Datasheet HTML 15Page - Analog Devices AD6641 Datasheet HTML 16Page - Analog Devices AD6641 Datasheet HTML 17Page - Analog Devices AD6641 Datasheet HTML 18Page - Analog Devices AD6641 Datasheet HTML 19Page - Analog Devices AD6641 Datasheet HTML 20Page - Analog Devices AD6641 Datasheet HTML 21Page - Analog Devices AD6641 Datasheet HTML 22Page - Analog Devices AD6641 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD6641
Rev. 0 | Page 19 of 28
SP_SDFS/
SP_SCLK
CTRL
MASTER/SLAVE
30kΩ
DRVDD
350Ω
Figure 34. Equivalent SP_SDFS and SP_SCLK Circuit
20kΩ
NOT USED
SPI CTRL VREF SELECT
00: INTERNAL VREF
01: IMORT VREF
10: EXPORT VREF
11: NOT USED
(01)
(10)
(00)
AVDD
VREF
(11)
Figure 35. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com