Electronic Components Datasheet Search
  English  ▼

X  

AD6641 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6641
Description  250 MHz Bandwidth DPD Observation Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6641 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6641 Datasheet HTML 12Page - Analog Devices AD6641 Datasheet HTML 13Page - Analog Devices AD6641 Datasheet HTML 14Page - Analog Devices AD6641 Datasheet HTML 15Page - Analog Devices AD6641 Datasheet HTML 16Page - Analog Devices AD6641 Datasheet HTML 17Page - Analog Devices AD6641 Datasheet HTML 18Page - Analog Devices AD6641 Datasheet HTML 19Page - Analog Devices AD6641 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD6641
Rev. 0 | Page 16 of 28
50
55
60
65
70
75
80
85
90
95
250
300
350
400
450
500
550
SAMPLE RATE (MSPS)
SFDR @ 30.3MHz, 1.8V
SFDR @ 30.3MHz, 1.9V
SFDR @ 100.3MHz, 1.8V
SFDR @ 100.3MHz, 1.9V
SNRFS @ 30.3MHz, 1.8V
SNRFS @ 30.3MHz, 1.9V
SNRFS @ 100.3MHz, 1.8V
SNRFS @ 100.3MHz, 1.9V
SFDR (dBc)
SNR (dBFS)
Figure 16. SNR/SFDR vs. Sample Rate and Supply
0
10
20
30
40
50
60
70
80
90
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dB)
SNRFS, 1.9V
SNR, 1.9V
SFDR, 1.9V
SFDRFS, 1.9V
SNRFS, 1.8V
SNR, 1.8V
SFDR, 1.8V
SFDRFS, 1.8V
SNR (dBFS)
SFDR (dBc)
SNR (dB)
SFDR (dBFS)
Figure 17. SNR/SFDR vs. Input Amplitude; 500 MSPS,140.3 MHz
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–1
1023
2047
3071
4095
OUTPUT CODE
Figure 18. INL; 500 MSPS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–1
1023
2047
3071
4095
OUTPUT CODE
Figure 19. DNL; 500 MSPS
0
0.5
1.0
1.5
2.0
2.5
N– 3
N– 2
N– 1
N
N + 1
N +2
1.24 LSB rms
N+ 3 MORE
BINS
Figure 20. Grounded Input Histogram; 500 MSPS
FREQUENCY (MHz)
0
25
50
75
100
125
150
175
200
225
–15
–30
–45
–60
–75
–90
–105
–120
491.52MSPS
fIN1: 121.3MHz @ –7dBFS
fIN2: 124.7MHz @ –7dBFS
SFDR: 85dBc
Figure 21. 16k Point Single-Tone FFT; 491.52 MSPS,
fIN1 = 121.3 MHz, fIN2 = 124.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com