Electronic Components Datasheet Search
  English  ▼

X  

ACS401 Datasheet(PDF) 5 Page - Semtech Corporation

Part # ACS401
Description  Acapella Optical Modem IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS401 Datasheet(HTML) 5 Page - Semtech Corporation

  ACS401 Datasheet HTML 1Page - Semtech Corporation ACS401 Datasheet HTML 2Page - Semtech Corporation ACS401 Datasheet HTML 3Page - Semtech Corporation ACS401 Datasheet HTML 4Page - Semtech Corporation ACS401 Datasheet HTML 5Page - Semtech Corporation ACS401 Datasheet HTML 6Page - Semtech Corporation ACS401 Datasheet HTML 7Page - Semtech Corporation ACS401 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Whilst a device is responding to a request for remote loopback
from the far-end, requests from the near-end to initiate remote
loopbacks will be ignored.
Drift Lock
Communicating modems attain a stable state where the ‘transmit’
window of one modem coincides with the ‘receive’ window of the
other, allowing for delay through the optical link. Adjustments to
machine cycles are made automatically during operation, to
compensate for differences in XTAL frequencies which would
otherwise cause loss of synchronisation.
Drift lock synchronisation described above, depends on a
difference in the XTALfrequencies at each end of the link, and the
greater the difference the faster the locking. Therefore, if the
difference between XTAL frequencies is very small (a few ppm),
automatic locking may take tens of seconds or even minutes.
Drift lock will not operate if the two communicating devices are
driven by a clock derived from a single source (i.e. tolerance of 0
ppm).
Active Lock
Active lock mode may be used to accelerate synchronisation of a
pair of communicating modems. This mode synchronises the
modems with less than 3.0 seconds delay, by adjusting the
machine cycles of the modems. Active lock reduces the machine
cycle of the device by 0.3 % ensuring rapid lock.
After
synchronisation the machine cycle reverts automatically to
normal.
Note that only one device can be configured in active lock mode
at any one time, and thus the DM(1:3) pins must not be
permanently wired High on both devices in a production system.
Active lock mode is usually invoked temporarily on power-up.
This can be achieved on the ACS401 by connecting DM1, DM2
and DM3 together, and attaching that node to an RC arrangement
with the capacitor to 5 V and the resistor to GND, to create a 5 V
  0 V ramp on power-up. The RC time constant should be > 5
seconds.
Active lock will succeed even when communicating devices are
driven from clocks derived from a single source (i.e. 0 ppm).
Random Lock
This mode achieves moderate locking times (typically 4 seconds,
worst case 12 seconds) with the advantage that the ACS401’s are
configured as peers.
Communicating modems may be
permanently configured in this mode (i.e. with hard-wired DM(1:3)
pins).
Random lock operates even when communicating devices are
driven from clocks derived from a single source. Random lock
mode is compatible with drift lock and active lock.
Memory Lock
Following the assertion of a reset (PORB = 0) communicating
devices will initiate an arbitration process where within 12 seconds
the communicating modems will achieve synchronisation. One
establishing itself as an active lock modem and the other
establishing itself as a drift lock modem. On subsequent attempts
to lock, typically where the fiber has been disconnected and a new
fiber inserted, synchronisation will be achieved within 3 seconds.
It is only necessary to apply PORB to one device in the
communicating pair to initiate an arbitration process.
Since memory lock status (active or drift) uses on-chip storage,
loss of power to the IC will require a new reset (PORB = 0).
Furthermore, should there be a need to synchronise with a third
modem, reset will again be required.
Mixing Lock modes
It is possible to mix all combinations of locking modes once the
modems are locked, however, prior to synchronisation two
modems configured in active lock will not operate. The effect of
mixing locking modes on locking speed is tabulated below:
Device A
Device B
Locking Speed
Mode
Mode
Drift
Drift
Drift
Drift
Active
Active
Drift
Random
Random
Drift
Memory
Random
Active
Active
Not allowed
Active
Random
Random
Active
Memory
Random
Random
Random
Random
Random
Memory
Random
Memory
Memory
Active*
* Memory lock has random lock speed for the first synchronisation
HBT Status pin (‘Heartbeat’ Indicator LED)
The ACS401 HBTpin affords a method of driving a display LED in
a manner which is sympathetic to low power consumption. The
HBT pin is pulsed to indicate ‘locked’status (DCDB = 0) and ‘out
of lock’ status (DCDB = 1). The frequency of pulses is 16 times
greater for ‘out of lock’ than for ‘lock’. The LED ‘on’ indicates
power-up whilst the frequency of pulsing denotes locking status.
Since the display LED is on for at most 6.4 % of the total time, the
HBT requires little power which may be further reduced by
employing high efficiency LEDs. The formulas below presume
‘standard’ mode of operation; for ‘double’ mode the XTAL value
should be divided by 2.
Powered-up, but not locked
Frequency (Hz):
XTAL / 1.152 * 106
Duration (s):
73,728 / XTAL
On time (%):
6.4 % of time.
With 9.216 MHz XTAL and ‘standard’ mode
Frequency:
8 Hz (approx.)
Duration :
8 ms (approx.)
Powered-up and locked
Frequency (Hz):
XTAL/ 18,432
Duration (s):
73,728 / XTAL
On time (%):
0.4 % of time.
With 9.216 MHz XTAL and ‘standard’ mode
Frequency:
0.5 Hz (approx.)
Duration :
8 ms (approx.)
The HBT pin is active High and can supply up to 16 mA at a
voltage of > VDD - 0.5 Volts. The display LED should be placed
between the HBTpin and GND with a series resistor. The resistor
value is a function of the efficiency of the display LED, and the
power budget.
Example: Calculating the HBT resistor value
LED on voltage:
2.0 V
VDD (ACS401):
5.0 V
Resistor voltage:
3.0 V
Current to LED:
2 mA (high efficiency LED)
Resistor value:
3 / 2 * 10-3 = 1500
Ω
Note: The LED referred to in this section is of the inexpensive
display type and should not be confused with the LED that
interfaces with the fiber optic cable itself.
ERC and ERL (Error Detector)
These signals can be used to give an indication of the quality of
the optical link. Even when a DC signal is applied to the data,
handshake and TxCL inputs, the ACS401 modem transmits
approximately 40 kbps over the link in each direction. This control
data is used to maintain the timing and the relative positioning of
‘transmit’and ‘receive’ windows.
The transmit and control data is constantly monitored to make
sure it is compatible with the 3B4B format. If a coding error is
detected than ERL will go High and will remain High until reset.
ERL may be reset by asserting PORB or by removing the fiber-
optic cable from one side of the link thereby forcing the device
temporarily out of lock.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com