Electronic Components Datasheet Search
  English  ▼

X  

ACS401 Datasheet(PDF) 1 Page - Semtech Corporation

Part # ACS401
Description  Acapella Optical Modem IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS401 Datasheet(HTML) 1 Page - Semtech Corporation

  ACS401 Datasheet HTML 1Page - Semtech Corporation ACS401 Datasheet HTML 2Page - Semtech Corporation ACS401 Datasheet HTML 3Page - Semtech Corporation ACS401 Datasheet HTML 4Page - Semtech Corporation ACS401 Datasheet HTML 5Page - Semtech Corporation ACS401 Datasheet HTML 6Page - Semtech Corporation ACS401 Datasheet HTML 7Page - Semtech Corporation ACS401 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Acapella Optical Modem IC
ACS401 Main Features:
LED Driver
4
3
4
PIN Receiver
RxD1
RxCL
RxD4
RxD3
RxD2
VA+
VD+
GND
TxCL
FIFO
Compress
Digital
Filter
3B4B
Encoder
TxD4
TxD3
TxD2
TxD1
FIFO
Decompress
3B4B
Decoder
Digital
Filter
GND
CNT
XTAL
PINN
PINP
LAP
Status
Control Data
Control Logic
LAN
PPLED
Single
Fiber
TRC
Equivalent block diagram of ACS401.
XO1 XI1 XO2 XI2
HBT CLK9 ERRC ERRL
DR(1:3) DM(1:3) DP(1:4)
PORB
CKC
The ACS401
is
a
complete
optical-modem
controller/
driver/receiver IC, supporting various user programmable, full-
duplex, synchronous data rates to 128 kbps over a single fiber.
Communicating modems automatically maintain synchronis-
ation with each other such that the receive phase of one modem
is lined up with the transmit phase of the other, compensating for
the propagation delay presented by the link. Link lengths from
zero to maximum distance, up to 95 km, are catered for
automatically.
General Description:
* Enables up to four full-duplex serial transmission channels
through a single fiber optic cable, providing eight virtual fiber
paths.
* Two additional low speed handshake signals.
* Supports Ping Pong LED (PPLED) and LASER Duplex
Devices (LDD) for single fiber applications or dual fiber
applications using low cost LED/LASER emitters and PIN
Diode receiver.
* Link lengths up to 95 km with appropriate Laser.
* Maximum data rate 128 kbps - optimised for talk-set
applications.
* Typical 7 mA (average) current consumption, including
LASER drive current.
* Digital mode, allowing the user to add an external amplifier.
Also enables the ACS401 to be used in non-fiber applications.
* Bit Error Rate (BER) of 10-9


Similar Part No. - ACS401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
QUAD AC LINE SWITCH ARRAY
05-Apr-1000
logo
Semtech Corporation
ACS406CS SEMTECH-ACS406CS Datasheet
127Kb / 2P
4 x E1/T1 Fiber Mux/De-mux over One Fiber Optic Cable
logo
XP Power Limited
ACS40US03 XPPOWER-ACS40US03 Datasheet
167Kb / 2P
AC-DC Power Supplies
ACS40US05 XPPOWER-ACS40US05 Datasheet
167Kb / 2P
AC-DC Power Supplies
ACS40US09 XPPOWER-ACS40US09 Datasheet
167Kb / 2P
AC-DC Power Supplies
More results

Similar Description - ACS401

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
Acapella Optical Modem IC
ACS103 SEMTECH-ACS103 Datasheet
52Kb / 10P
Acapella Optical Modem IC
ACS411CS SEMTECH-ACS411CS Datasheet
259Kb / 43P
Acapella Optical Modem IC
logo
List of Unclassifed Man...
ATA1088 ETC1-ATA1088 Datasheet
249Kb / 13P
OPTICAL MOUSE SENSOR IC
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
Optical Fiber Transmitting IC
42-DL212 SITI-42-DL212 Datasheet
117Kb / 6P
Optical Fiber Transmitting IC
42-DL214 SITI-42-DL214 Datasheet
412Kb / 6P
Optical Fiber Transmitting IC
42-DL312 SITI-42-DL312 Datasheet
457Kb / 6P
Optical Fiber Receiving IC
42-DL213B SITI-42-DL213B Datasheet
108Kb / 6P
Optical Fiber Transmitting IC
logo
alpha microelectronics ...
AMG-SO204 ALPHA-MICRO-AMG-SO204 Datasheet
767Kb / 30P
Optical Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com