Electronic Components Datasheet Search
  English  ▼

X  

ACS401 Datasheet(PDF) 6 Page - Semtech Corporation

Part # ACS401
Description  Acapella Optical Modem IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS401 Datasheet(HTML) 6 Page - Semtech Corporation

  ACS401 Datasheet HTML 1Page - Semtech Corporation ACS401 Datasheet HTML 2Page - Semtech Corporation ACS401 Datasheet HTML 3Page - Semtech Corporation ACS401 Datasheet HTML 4Page - Semtech Corporation ACS401 Datasheet HTML 5Page - Semtech Corporation ACS401 Datasheet HTML 6Page - Semtech Corporation ACS401 Datasheet HTML 7Page - Semtech Corporation ACS401 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1-Fiber Modem
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
1
CKC
2
SETB
3
GND
4
XI1
5
TxD3
6
XI2
7
TxD4
8
HBT
9
DCD
10 GND
11 CLK9
12 RxD2
13 RxD1
14 XTI
15 XTO
16 GND
17 GND
18 NC
19 VD+
20 VD+
21 TxCL
22 TxD2
23 ERRL
24 TxD1
25 RxCL
26 NC
27 IC
28 DCDB
29 VD+
30 ERRC
31 RxD4
32 XO2
33 XO1
34 RxD3
DM3
68
VD+
67
DM2
66
DM1
65
DR1
64
DP2
63
DP1
62
NC
61
NC
60
NC
59
TRC
58
IC
57
VA+
56
LAP
55
LAN
54
PINP
53
PINN
52
CON2 51
CNT
50
AGND 49
CON1 48
VG+
47
NC
46
NC
45
NC
44
GND
43
DP3
42
GND
41
PORB 40
DP4
39
DR4
38
DR3
37
GND
36
DR2
35
Figure 1. Top view of 68 PLCC package
NC = Not Connected IC = Internally Connected
ERC produces a pulse on detection of each coding error. These
pulses may be accumulated by means of an external electronic
counter.
Please note that ERL and ERC detect coding errors and not data
errors, nevertheless because of the complexity of the coding rules
on the ACS401 the absence of detected errors on these pins will
give a good indication of a high quality link.
LASER/LED Considerations
Since LEDs or LASERs from different suppliers may emit different
wavelengths, it is recommended that the LASERs/LEDs in a
communicating pair of modems are obtained from the same
supplier. Furthermore, the emission spectrum is a function of
temperature, so a temperature difference between the ends of a
link reduces the responsivity of the receiving LASER/LED,
resulting in a reduction in the link budget. Information is given in
the suppliers’ data sheets. The following manufacturers have
components that will be tested with the ACS401 and Acapella will
be glad to assist with contact names and addresses on request:
LED Suppliers
ABB-Hafo (e.g.1A-212ST, 1A-212SMA)
Acapella
(e.g.A-ST, A-SMA)
GCA
(e.g.1A-212-ST-05, 1A-212-SM-02)
Honeywell (e.g.HFE4214-013, HFE4404-013)
Duplex Suppliers
GCA
90-0359
Siemens
SBM 51214X
Operating Wavelengths
The ACS401 can support any wavelength LED, ELED or LASER,
from 660 nm through to 1500 nm.
Power Supply Decoupling
The ACS401 contains a highly sensitive amplifier, capable of
responding to extremely low current levels. To exploit this
sensitivity it is important to reduce external noise to a low level
compared to the input signal from the LASER/LED. The modem
should have an independent power trace to the point where power
enters the board.
Figure 3. shows the recommended power supply decoupling. The
LASER/LED should be sited very close to the PINN, LAN and LAP
pins. A generous ground plane should be provided, especially
around the sensitive PINN, LAN and LAP pins. The modem
should be protected from EMI/RFI sources in the standard ways.
Link Budgets
The link budget is the difference between the power coupled to the
fiber via the transmit LASER/LED and the power required to
realise the minimum input amplifier current via the receive
LASER/LED/PIN. The link budget is normally specified in dB or
dBm, and represents the maximum attenuation allowed between
communicating LASER/LEDs. The budget is utilised in terms of
the cable length, cable connectors and splices. It usually includes
an operating margin to allow for degradation in LASER/LED
performance. The power coupled to the cable, is a function of the
efficiency of the LASER/LED, the current applied to the
LASER/LED and the type of the fiber optic cable employed.
The conversion current produced by the reverse biased
LASER/LED or PIN is a function of the LASER/LED/PIN efficiency
and the fiber type. The conversion efficiency is measured in terms
of its ability to convert the available optical power to current,
known as the responsivity, given in (A/W). Some examples of link
budgets are given in the tables headed, Link Budget Examples.
Digital Mode
The ACS401 may be used as a controller and data buffer which
allows the device to be used with an external amplifier for non-
fiber applications. Check with Acapella for details.
Data delay and skew
The Full Duplex Delay (FDD) of TxD and control signals XI(1:2)
when using the recommended XTAL frequency of 9.216 MHz
(FDD9.216MHz ) are as follows:
TxD FDD9.216MHz
=
4 ms (‘standard’mode)
TxD FDD9.216MHz
=
8 ms (‘double’ mode)
XI FDD
9.216MHz
=
10 ms (‘standard’mode)
XI FDD
9.216MHz
=
20 ms (‘double’ mode)
For other XTAL frequencies, the delay is inversely proportional to
the XTAL frequency using the above delays as the constant of
proportionality.
FDDXTAL = (9.216 * 10
6 / XTAL) * FDD
9.216MHz
The synchronous data skew between the main data channels
RxD1, RxD2, RxD3 and RxD4 across the link is zero data-bits.
ACAPELLA
ACS401



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com