Electronic Components Datasheet Search
  English  ▼

X  

ACS401 Datasheet(PDF) 8 Page - Semtech Corporation

Part # ACS401
Description  Acapella Optical Modem IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS401 Datasheet(HTML) 8 Page - Semtech Corporation

  ACS401 Datasheet HTML 1Page - Semtech Corporation ACS401 Datasheet HTML 2Page - Semtech Corporation ACS401 Datasheet HTML 3Page - Semtech Corporation ACS401 Datasheet HTML 4Page - Semtech Corporation ACS401 Datasheet HTML 5Page - Semtech Corporation ACS401 Datasheet HTML 6Page - Semtech Corporation ACS401 Datasheet HTML 7Page - Semtech Corporation ACS401 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Matching Characteristics (for specified operating conditions
Parameter
Symbol
Min
Typ
Max
Units
Crystal tolerance
use parallel resonate crystal and
Ct
-100
0
100
ppm
recommended padding capacitors
Minimum amplifier sensitivity
-
-
500
nA
Maximum amplifier input current
Imax
1
-
-
mA
Rtre placed between TRC and GND
Rtrc
0.8k
-
40k
Ω
Laser current (max limit)
Rtrc=0.8 kOhm
Ilaser
75
100
125
mA
Rtrc=40 kOhms
1.8
2.5
3.2
LED current
Rtrc=0.8 kOhm
Iled
75
100
125
mA
Rtrc=40 kOhm
1.8
2.5
3.2
Single-Fibermode Parameters
LED capacitance with Vr=0
with Irec=500 nA
CI
-
-
50
pF
with Irec=1000 nA
-
-
100
LED leakage current Vr=1.4
Lleak
-
-
500
nA
LED reverse bias
Vr
0.65
1.15
1.4
V
LASER PIN diode leakage current
Pleak
-
-
100
nA
Vrp=4.0V
LASER PINdiode reverse bias
Vrp
-
-
4.0
V
Dual-Fibermode Parameters
PIN capacitance with Vr=0
CI
-
-
20
pF
PINleakage current
Lleak
-
-
150
nA
PINreverse bias
Vr
0.95
1.15
1.4
V
In the interest of further product development Acapella reserve the right to change this specification without further notice.
©Copyright, Acapella Ltd., 1997
Acapella Ltd.
UK Tel.
01703 769 008
Epsilon House
UK Fax.
01703 768 612
Chilworth Research Centre
Southampton SO16 7NP
Intn’l. Tel.
+44 1703 769 008
England
Intn’l. Fax.
+44 1703 768 612
Dynamic Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Crystal frequency
XTAL
1.0
9.216
12
MHz
(XT1, XTO)
External clock (XTI)
fclp
40
-
60
%
High or Low time
RxD and TxD data rate
‘standard’mode
fclp
XTAL/576
-
XTAL/72
bps
‘double’mode
XTAL/576
XTAL/144
RxCLand TxCLduty cycle
twh
-
50
-
%
(with TxCL= output)
twl
Frequency deviation at TxCLfrom
Fd
500
-
-
ppm
selected value (with TxCL= input)
TxD to TxCLset-up time
tsut
300
-
-
ns
TxD to TxCLhold time
tht
25
-
-
ns
RxD to RxCLset-up time
tsur
-
-
ns
RxD to RxCLhold time
thr
-
-
ns
Digital output - fall time
tf
-
-
100
ns
Digital output - rise time
tr
-
-
100
ns
Power consumption with
LASER/LED peak current = 50mA
Pc
-
35
-
mW
Single channel 64 kbps
(Note 2)
Note 2: Power consumption assumes CMOS loads. Check with Acapella for other bandwidth products.
0.5 *
(1/RxCL)
0.5 *
(1/RxCL)
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power supply
V+
5.0
5.25
V
(VA+ and DA+)
Ambient temperature range
TA
-40
-
85
˚C
Static Digital Input Characteristics (for specified operating conditions)
Input pins: DR 1/2/3/4, DM 1/2/3, DP1/2/3/4 CKC, TXD1/2/3, PORB, TxCL(input)
Parameter
Symbol
Min
Typ
Max
Units
Vin High
Vih
2.0
-
-
V
Vin Low
Vil
-
-
0.8
V
Input currentIin
-
-
10
µA
Static Digital Input Characteristics (for specified operating conditions)
Input pins: XI1, XI2, SETB.
Parameter
Symbol
Min
Typ
Max
Units
Vin High
Vih
2.0
-
-
V
Vin Low
Vil
-
-
0.8
V
Pull-up resistor
PU
50k
125k
340k
Ω
Input current
Iin
-
-
100
µA
(Note 1)
Static Digital Output Characteristics (for specified operating conditions)
Output pins: RxD1/2/3, XO1 XO2, DCDB, ERRL, ERRD, RxCL, CLK9, TxCL(output), HBT.
Parameter
Symbol
Min
Typ
Max
Units
Vout Low (Iin = 4mA)
Vol
0
-
0.5
V
except HBT
Vout High (Iout = 4mA)
Voh
VDD-0.5
-
-
V
except HBT
Vout Low (Iin - 16mA)
Vol
0
-
0.5
V
HBT
Vout High (Iout = 16mA)
Voh
VDD-0.5
-
-
V
HBT
Max load capcitance
CI
-
-
50
pF
Note 1: Input current is mainly attributed to pull-up resistor, so it applies when input is Low.The High input current
is <10µA.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Power supply VD+ and VA+
VDD
-0.3
6.0
V
(VDD = VD+ or VA+)
Input voltage
Vin
GND - 0.3
VDD + 0.3
V
(non-supply pins)
Input current
Iin
-
10.0
mA
(except LAN,LAP,PINN,PINP,CNT)
Input current
Iin
-
1.0
mA
(LAN, LAP,PINN,PINP,CNT)
Storage temperature
Tstor
-50
160
˚C
Email: sales@acapella.co.uk
Web: www.acapella.co.uk



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com