Electronic Components Datasheet Search
  English  ▼

X  

ACS401 Datasheet(PDF) 7 Page - Semtech Corporation

Part # ACS401
Description  Acapella Optical Modem IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS401 Datasheet(HTML) 7 Page - Semtech Corporation

  ACS401 Datasheet HTML 1Page - Semtech Corporation ACS401 Datasheet HTML 2Page - Semtech Corporation ACS401 Datasheet HTML 3Page - Semtech Corporation ACS401 Datasheet HTML 4Page - Semtech Corporation ACS401 Datasheet HTML 5Page - Semtech Corporation ACS401 Datasheet HTML 6Page - Semtech Corporation ACS401 Datasheet HTML 7Page - Semtech Corporation ACS401 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TxD1
RxD1
TxD2
RxD2
TxD3
RxD3
TxD4
RxD4
RxD1
TxD1
RxD2
TxD2
RxD3
TxD3
TxD4
RxD4
XO1
XI1
XI2
XO2
XI2
XO2
XI1
XO1
ACS401
ACS401
*Synchronous
Channels
*Asynchronous
Channel
Single Fiber Link
Figure 4. 6 Full-duplex channels over a single fiber
Single Fiber LED link
Link Budget Example (Rtrc set so LED launch current = 100 mApeak)
Fibertype
Plastic
Glass
Glass
Fibersize
1000 micron
62.5 micron 50 micron
Minimum transmit couple power to fiber (µW)
1000
100
50
Minimum LED responsivity (AW)
0.01
0.1
0.12
Minimum ACS401 sensitivity (nA)
500
500
500
Minimum input power to ACS401 amplifier (µW)
50
5
4.1
Link budget (dB)
13
13
11
Single Fiber Duplex LASER link
Link Budget Example (LASER launch power = 1 mW)
Fibertype
Glass (single mode)
Fibersize
9 micron
Minimum transmit couple power to fiber (µW)
1000
Minimum PIN responsivity (AW)
0.35
Minimum ACS401 sensitivity (nA)
500
Minimum input power to ACS401 amplifier (µW)
1.43
Link budget (dB) (single mode fiber attenuation = 0.3 dB km)
28.4
GND
VA+
VG+
nF
k
Ω
Pin 48 and Pin 51
should be connected
together
CON1
CON2
VD+ pins 19, 20, 29 and 67.
ACS401
µF
nF
nF
µH
µH
AGND
ACS401 GND
VD+
SETB
All capacitors should be placed
very close to the ACS401.
Figure 3. Recommended power supply layout
GND
+5V
V+
TRC
Rtrc > 800
Ω
nF
ACS401 GND
CNT
ACS401 GND
GND
22-
GND pins 3, 10, 16, 17, 36, 41 and 43
.
%
%
%
%
Digital Outputs rise and fall times
t
r
t
f
TxCL and RxCL clock pulse widths
t
wl
t
wh
t
sut
t
ht
t
sur
t
hr
TxD
RxD
Transmit set-up and hold times
Receive set-up and hold times
TxCL
RxCL
Figure 2. Timing diagrams
4 * Synchronous
Channels
4 * Asynchronous
Channels
47 µH
47 µH
47 µH
1
10
100
100
100
90 %
90 %
10 %
10 %



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com