Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM773 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 33Page - NXP Semiconductors EM773 Datasheet HTML 34Page - NXP Semiconductors EM773 Datasheet HTML 35Page - NXP Semiconductors EM773 Datasheet HTML 36Page - NXP Semiconductors EM773 Datasheet HTML 37Page - NXP Semiconductors EM773 Datasheet HTML 38Page - NXP Semiconductors EM773 Datasheet HTML 39Page - NXP Semiconductors EM773 Datasheet HTML 40Page - NXP Semiconductors EM773 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 1 — 1 September 2010
37 of 45
NXP Semiconductors
EM773
Energy metering IC
11.2 XTAL Printed Circuit Board (PCB) layout guidelines
The crystal should be connected on the PCB as close as possible to the oscillator input
and output pins of the chip. Take care that the load capacitors Cx1, Cx2, and Cx3 in case of
third overtone crystal usage have a common ground plane. The external components
must also be connected to the ground plain. Loops must be made as small as possible in
Fig 22. Oscillator modes and models: oscillation mode of operation and external crystal
model used for CX1/CX2 evaluation
Table 13.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters) low frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1, CX2
1 MHz - 5 MHz
10 pF
< 300
Ω
18 pF, 18 pF
20 pF
< 300
Ω
39 pF, 39 pF
30 pF
< 300
Ω
57 pF, 57 pF
5 MHz - 10 MHz
10 pF
< 300
Ω
18 pF, 18 pF
20 pF
< 200
Ω
39 pF, 39 pF
30 pF
< 100
Ω
57 pF, 57 pF
10 MHz - 15 MHz
10 pF
< 160
Ω
18 pF, 18 pF
20 pF
< 60
Ω
39 pF, 39 pF
15 MHz - 20 MHz
10 pF
< 80
Ω
18 pF, 18 pF
Table 14.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters) high frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1, CX2
15 MHz - 20 MHz
10 pF
< 180
Ω
18 pF, 18 pF
20 pF
< 100
Ω
39 pF, 39 pF
20 MHz - 25 MHz
10 pF
< 160
Ω
18 pF, 18 pF
20 pF
< 80
Ω
39 pF, 39 pF
em773_002aaf424
EM773
XTALIN
XTALOUT
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com