Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM773 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 9Page - NXP Semiconductors EM773 Datasheet HTML 10Page - NXP Semiconductors EM773 Datasheet HTML 11Page - NXP Semiconductors EM773 Datasheet HTML 12Page - NXP Semiconductors EM773 Datasheet HTML 13Page - NXP Semiconductors EM773 Datasheet HTML 14Page - NXP Semiconductors EM773 Datasheet HTML 15Page - NXP Semiconductors EM773 Datasheet HTML 16Page - NXP Semiconductors EM773 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 1 — 1 September 2010
13 of 45
NXP Semiconductors
EM773
Energy metering IC
• Four match registers per timer that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
• Up to four external outputs corresponding to match registers, with the following
capabilities:
– Set LOW on match.
– Set HIGH on match.
– Toggle on match.
– Do nothing on match.
7.13 System tick timer
The ARM Cortex-M0 includes a system tick timer (SYSTICK) that is intended to generate
a dedicated SYSTICK exception at a fixed time interval (typically 10 ms).
7.14 Watchdog timer
The purpose of the watchdog is to reset the microcontroller within a selectable time
period.
7.14.1 Features
• Internally resets chip if not periodically reloaded.
• Debug mode.
• Enabled by software but requires a hardware reset or a watchdog reset/interrupt to be
disabled.
• Incorrect/Incomplete feed sequence causes reset/interrupt if enabled.
• Flag to indicate watchdog reset.
• Programmable 24-bit timer with internal prescaler.
• Selectable time period from (Tcy(WDCLK) × 256 × 4) to (Tcy(WDCLK) × 224 × 4) in
multiples of Tcy(WDCLK) × 4.
• The Watchdog Clock (WDCLK) source can be selected from the Internal RC oscillator
(IRC), the Watchdog oscillator, or the main clock. This gives a wide range of potential
timing choices of Watchdog operation under different power reduction conditions. It
also provides the ability to run the WDT from an entirely internal source that is not
dependent on an external crystal and its associated components and wiring for
increased reliability.
7.15 Clocking and power control
7.15.1 Crystal oscillators
The EM773 includes three independent oscillators. These are the system oscillator, the
Internal RC oscillator (IRC), and the Watchdog oscillator. Each oscillator can be used for
more than one purpose as required in a particular application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com