Electronic Components Datasheet Search
  English  ▼

X  

EM773 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EM773 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 6Page - NXP Semiconductors EM773 Datasheet HTML 7Page - NXP Semiconductors EM773 Datasheet HTML 8Page - NXP Semiconductors EM773 Datasheet HTML 9Page - NXP Semiconductors EM773 Datasheet HTML 10Page - NXP Semiconductors EM773 Datasheet HTML 11Page - NXP Semiconductors EM773 Datasheet HTML 12Page - NXP Semiconductors EM773 Datasheet HTML 13Page - NXP Semiconductors EM773 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 1 — 1 September 2010
10 of 45
NXP Semiconductors
EM773
Energy metering IC
• Four programmable interrupt priority levels, with hardware priority level masking.
• Software interrupt generation.
7.5.2 Interrupt sources
Each peripheral device has one interrupt line connected to the NVIC but may have several
interrupt flags. Individual interrupt flags may also represent more than one interrupt
source.
Any GPIO pin (total of up to 25 pins) regardless of the selected function, can be
programmed to generate an interrupt on a level, or rising edge or falling edge, or both.
7.6 IOCONFIG block
The IOCONFIG block allows selected pins of the microcontroller to have more than one
function. Configuration registers control the multiplexers to allow connection between the
pin and the on-chip peripherals.
Peripherals should be connected to the appropriate pins prior to being activated and prior
to any related interrupt(s) being enabled. Activity of any enabled peripheral function that is
not mapped to a related pin should be considered undefined.
7.7 Fast general purpose parallel I/O
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Multiple outputs
can be set or cleared in one write operation.
EM773 uses accelerated GPIO functions:
• GPIO registers are a dedicated AHB peripheral so that the fastest possible I/O timing
can be achieved.
• Entire port value can be written in one instruction.
Additionally, any GPIO pin (total of up to 25 pins) providing a digital function can be
programmed to generate an interrupt on a level, a rising or falling edge, or both.
7.7.1 Features
• Bit level port registers allow a single instruction to set or clear any number of bits in
one write operation.
• Direction control of individual bits.
• All I/O default to inputs with pull-ups enabled after reset.
• Pull-up/pull-down resistor configuration can be programmed through the IOCONFIG
block for each GPIO pin.
7.8 UART
The EM773 contains one UART.
Support for RS-485/9-bit mode allows both software address detection and automatic
address detection using 9-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com