Electronic Components Datasheet Search
  English  ▼

X  

PCF85134 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF85134
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85134 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF85134 Datasheet HTML 23Page - NXP Semiconductors PCF85134 Datasheet HTML 24Page - NXP Semiconductors PCF85134 Datasheet HTML 25Page - NXP Semiconductors PCF85134 Datasheet HTML 26Page - NXP Semiconductors PCF85134 Datasheet HTML 27Page - NXP Semiconductors PCF85134 Datasheet HTML 28Page - NXP Semiconductors PCF85134 Datasheet HTML 29Page - NXP Semiconductors PCF85134 Datasheet HTML 30Page - NXP Semiconductors PCF85134 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
PCF85134_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 December 2009
27 of 40
NXP Semiconductors
PCF85134
Universal LCD driver for low multiplex rates
10. Limiting values
[1]
Stresses above these values listed may cause permanent damage to the device.
[2]
Pins SDA, SCL, CLK, SYNC, SA0, OSC and A0 to A2.
[3]
Pins S0 to S59 and BP0 to BP3.
[4]
HBM: Human Body Model, according to Ref. 5 “JESD22-A114”.
[5]
MM: Machine Model, according to Ref. 6 “JESD22-A115”.
[6]
Pass level; latch-up testing according to Ref. 7 “JESD78” at maximum ambient temperature
(Tamb(max) = +85 °C).
[7]
According to the NXP store and transport requirements (see Ref. 9 “NX3-00092”) the devices have to be
stored at a temperature of +8
°Cto+45 °C and a humidity of 25 % to 75 %. For long term storage products
deviant conditions are described in that document.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 15.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
IDD
supply current
−50
+50
mA
VLCD
LCD supply voltage
−0.5
+7.5
V
IDD(LCD)
LCD supply current
−50
+50
mA
ISS
ground supply current
−50
+50
mA
VI
input voltage
[2]
−0.5
+6.5
V
II
input current
[2]
−10
+10
mA
VO
output voltage
[2]
−0.5
+6.5
V
[3]
−0.5
+7.5
V
IO
output current
[2][3]
−10
+10
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
VESD
electrostatic discharge voltage
HBM
[4] -
±2500
V
MM
[5] -
±200
V
Ilu
latch-up current
[6] -
200
mA
Tstg
storage temperature
[7]
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com