Electronic Components Datasheet Search
  English  ▼

X  

PCF85134 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF85134
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85134 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF85134 Datasheet HTML 1Page - NXP Semiconductors PCF85134 Datasheet HTML 2Page - NXP Semiconductors PCF85134 Datasheet HTML 3Page - NXP Semiconductors PCF85134 Datasheet HTML 4Page - NXP Semiconductors PCF85134 Datasheet HTML 5Page - NXP Semiconductors PCF85134 Datasheet HTML 6Page - NXP Semiconductors PCF85134 Datasheet HTML 7Page - NXP Semiconductors PCF85134 Datasheet HTML 8Page - NXP Semiconductors PCF85134 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1.
General description
The PCF85134 is a peripheral device which interfaces to almost any LCD1 with low
multiplex rates. It generates the drive signals for any static or multiplexed LCD containing
up to four backplanes and up to 60 segments. In addition, the PCF85134 can be easily
cascaded for larger LCD applications. The PCF85134 is compatible with most
microprocessors or microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized using display RAM with
auto-incremented addressing, hardware subaddressing, and display memory switching
(static and duplex drive modes).
2.
Features
I Single-chip LCD controller and driver
I Selectable backplane drive configurations: static, 2, 3, or 4 backplane multiplexing
I 60 segment outputs allowing to drive:
N 30 7-segment alphanumeric characters
N 16 14-segment alphanumeric characters
N Any graphics of up to 240 elements
I Cascading supported for larger applications
I 60 × 4-bit display data storage RAM
I Wide LCD supply range: from 2.5 V for low threshold LCDs up to 6.5 V for guest-host
LCDs and high threshold twisted nematic LCDs
I Internal LCD bias generation with voltage follower buffers
I Selectable display bias configurations: static, 1⁄2, or 1⁄3
I Wide logic power supply range: from 1.8 V to 5.5 V
I LCD and logic supplies may be separated
I Low power consumption
I 400 kHz I2C-bus interface
I Compatible with any microprocessor or microcontroller
I No external components required
I Display memory bank switching in static and duplex drive mode
I Auto-incremented display data loading
I Versatile blink modes
I Silicon gate CMOS process
PCF85134
Universal LCD driver for low multiplex rates
Rev. 01 — 17 December 2009
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 17.


Similar Part No. - PCF85134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85134 NXP-PCF85134 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF85134HL NXP-PCF85134HL Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCF85134HL NXP-PCF85134HL Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCF85134HL NXP-PCF85134HL Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCF85134HL NXP-PCF85134HL Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
More results

Similar Description - PCF85134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85176 NXP-PCF85176 Datasheet
339Kb / 43P
Universal LCD driver for low multiplex rates
Rev. 01-14 April 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com