Electronic Components Datasheet Search
  English  ▼

X  

PCF85134 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF85134
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85134 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF85134 Datasheet HTML 25Page - NXP Semiconductors PCF85134 Datasheet HTML 26Page - NXP Semiconductors PCF85134 Datasheet HTML 27Page - NXP Semiconductors PCF85134 Datasheet HTML 28Page - NXP Semiconductors PCF85134 Datasheet HTML 29Page - NXP Semiconductors PCF85134 Datasheet HTML 30Page - NXP Semiconductors PCF85134 Datasheet HTML 31Page - NXP Semiconductors PCF85134 Datasheet HTML 32Page - NXP Semiconductors PCF85134 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
PCF85134_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 December 2009
29 of 40
NXP Semiconductors
PCF85134
Universal LCD driver for low multiplex rates
12. Dynamic characteristics
[1]
Typical output (duty cycle
δ = 50 %).
[2]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
Table 17.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clock
Internal: output pin CLK
fosc
oscillator frequency
VDD = 5 V
[1] 1440
1970
2640
Hz
External: input pin CLK
fclk(ext)
external clock frequency
VDD = 5 V
800
-
3600
Hz
tclk(H)
HIGH-level clock time
130
-
-
µs
tclk(L)
LOW-level clock time
130
-
-
µs
Synchronization: input pin SYNC
tPD(SYNC_N)
SYNC propagation delay
-
30
-
ns
tSYNC_NL
SYNC LOW time
1
-
-
µs
Outputs: pins BP0 to BP3 and S0 to S59
tPD(drv)
driver propagation delay
VLCD = 5 V
-
-
30
µs
I2C-bus: timing[2]
Pin SCL
fSCL
SCL frequency
-
-
400
kHz
tLOW
LOW period of the SCL clock
1.3
-
-
µs
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
Pin SDA
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
Pins SCL and SDA
tBUF
bus free time between a STOP and
START condition
1.3
-
-
µs
tSU;STO
set-up time for STOP condition
0.6
-
-
µs
tHD;STA
hold time (repeated) START condition
0.6
-
-
µs
tSU;STA
set-up time for a repeated START
condition
0.6
-
-
µs
tr
rise time of both SDA and SCL signals
-
-
0.3
µs
tf
fall time of both SDA and SCL signals
-
-
0.3
µs
Cb
capacitive load for each bus line
-
-
400
pF
tw(spike)
spike pulse width
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com