Electronic Components Datasheet Search
  English  ▼

X  

PCF85134 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF85134
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85134 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF85134 Datasheet HTML 24Page - NXP Semiconductors PCF85134 Datasheet HTML 25Page - NXP Semiconductors PCF85134 Datasheet HTML 26Page - NXP Semiconductors PCF85134 Datasheet HTML 27Page - NXP Semiconductors PCF85134 Datasheet HTML 28Page - NXP Semiconductors PCF85134 Datasheet HTML 29Page - NXP Semiconductors PCF85134 Datasheet HTML 30Page - NXP Semiconductors PCF85134 Datasheet HTML 31Page - NXP Semiconductors PCF85134 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
PCF85134_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 December 2009
28 of 40
NXP Semiconductors
PCF85134
Universal LCD driver for low multiplex rates
11. Static characteristics
[1]
LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50 % duty factor; I2C-bus inactive.
[2]
Not tested, design specification only.
[3]
Cbpl = backplane capacitance.
[4]
Measured on sample basis only.
[5]
Csgm = segment capacitance.
Table 16.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
2.5
-
6.5
V
IDD
supply current
fclk(ext) = 1536 Hz
[1] -8
20
µA
IDD(LCD) LCD supply current
fclk(ext) = 1536 Hz
[1] -24
60
µA
Logic
VI
input voltage
VSS − 0.5 -
VDD + 0.5 V
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC, A0 to A2 and SA0
VSS
-
0.3VDD
V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC, A0 to A2 and SA0
0.7VDD
-VDD
V
VPOR
power-on reset voltage
1.0
1.3
1.6
V
IOL
LOW-level output current output sink current; VOL = 0.4 V;
VDD = 5 V; on pins CLK and SYNC
1-
-
mA
IOH
HIGH-level output
current
output source current; VOH = 4.6 V;
VDD = 5 V; on pin CLK
1-
-
mA
IL
leakage current
VI = VDD or VSS; on pins SA0, A0 to A2 and
CLK
−1-
+1
µA
VI = VDD; on pin OSC
−1-
+1
µA
CI
input capacitance
[2] --
7
pF
I2C-bus; pins SDA and SCL
VI
input voltage
VSS − 0.5 -
5.5
V
VIL
LOW-level input voltage
pin SCL
VSS
-
0.3VDD
V
pin SDA
VSS
-
0.2VDD
V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current output sink current; VOL = 0.4 V; VDD = 5 V;
on pin SDA
3-
-
mA
IL
leakage current
VI = VDD or VSS
−1-
+1
µA
Ci
input capacitance
[2] --
7
pF
LCD outputs
Output pins BP0 to BP3
VBP
voltage on pin BP
Cbpl = 35 nF
[3]
−100
-
+100
mV
RBP
resistance on pin BP
VLCD = 5 V
[4] -
1.5
10
k
Ω
Output pins S0 to S59
VS
voltage on pin S
Csgm = 35 nF
[5]
−100
-
+100
mV
RS
resistance on pin S
VLCD = 5 V
[4] -
6.0
13.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com