Electronic Components Datasheet Search
  English  ▼

X  

PCF85134 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF85134
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85134 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF85134 Datasheet HTML 1Page - NXP Semiconductors PCF85134 Datasheet HTML 2Page - NXP Semiconductors PCF85134 Datasheet HTML 3Page - NXP Semiconductors PCF85134 Datasheet HTML 4Page - NXP Semiconductors PCF85134 Datasheet HTML 5Page - NXP Semiconductors PCF85134 Datasheet HTML 6Page - NXP Semiconductors PCF85134 Datasheet HTML 7Page - NXP Semiconductors PCF85134 Datasheet HTML 8Page - NXP Semiconductors PCF85134 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
PCF85134_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 December 2009
5 of 40
NXP Semiconductors
PCF85134
Universal LCD driver for low multiplex rates
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
S31 to S59
1 to 29
LCD segment output 31 to 59
BP0 to BP3
30 to 33
LCD backplane output 0 to 3
n.c.
34 to 37
not connected
SDA
38
I2C-bus serial data input and output
SCL
39
I2C-bus serial clock input
CLK
40
external clock input and internal clock output
VDD
41
supply voltage
SYNC
42
cascade synchronization input and output (active LOW)
OSC
43
enable input for internal oscillator
A0 to A2
44 to 46
subaddress counter input 0 to 2
SA0
47
I2C-bus slave address input 0
VSS
48
ground supply voltage
VLCD
49
input of LCD supply voltage
S0 to S30
50 to 80
LCD segment output 0 to 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com