Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1113 Datasheet HTML 1Page - Texas Instruments ADS1113 Datasheet HTML 2Page - Texas Instruments ADS1113 Datasheet HTML 3Page - Texas Instruments ADS1113 Datasheet HTML 4Page - Texas Instruments ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ADS1118
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or visit the device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
ADS1118
UNIT
VDD to GND
–0.3 to +5.5
V
Analog input current
100, momentary
mA
Analog input current
10, continuous
mA
Analog input voltage to GND
–0.3 to VDD + 0.3
V
DIN, DOUT/DRDY, SCLK, CS voltage to GND
–0.3 to +5.5
V
Human body model (HBM)
±4000
V
JEDEC standard 22, test method A114-C.01, all pins
ESD ratings
Charged device model (CDM)
±1000
V
JEDEC standard 22, test method C101, all pins
Operating temperature range
–40 to +125
°C
Maximum junction temperature
+150
°C
Storage temperature range
–60 to +150
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
PRODUCT FAMILY
INPUT CHANNELS
RESOLUTION
MAXIMUM SAMPLE
SPECIAL
(Differential/
DEVICE
(Bits)
RATE (SPS)
FEATURES
PGA
INTERFACE
Single-Ended)
ADS1118
16
860
Temperature sensor
Yes
SPI
2/4
ADS1018
12
3300
Temperature sensor
Yes
SPI
2/4
ADS1115
16
860
Comparator
Yes
I2C
2/4
ADS1114
16
860
Comparator
Yes
I2C
1/1
ADS1113
16
860
None
No
I2C
1/1
ADS1015
12
3300
Comparator
Yes
I2C
2/4
ADS1014
12
3300
Comparator
Yes
I2C
1/1
ADS1013
12
3300
None
No
I2C
1/1
2
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com