Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1113 Datasheet HTML 1Page - Texas Instruments ADS1113 Datasheet HTML 2Page - Texas Instruments ADS1113 Datasheet HTML 3Page - Texas Instruments ADS1113 Datasheet HTML 4Page - Texas Instruments ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
1
2
3
4
5
10
9
8
7
6
SCLK
GND
AIN0
AIN1
DIN
VDD
AIN3
AIN2
CS
DOUT/DRDY
5
10
1
2
3
4
SCLK
CS
GND
AIN0
AIN1
DIN
9
8
7
6
DOUT/DRDY
VDD
AIN3
AIN2
ADS1118
www.ti.com
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
PIN CONFIGURATIONS
RUG PACKAGE
DGS PACKAGE
QFN-10
MSOP-10
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
ANALOG/
DIGITAL
INPUT/
PIN #
PIN NAME
OUTPUT
DESCRIPTION
1
SCLK
Digital input
Serial clock input
2
CS
Digital input
Chip select; active low
3
GND
Analog
Ground
4
AIN0
Analog input
Differential channel 1: positive input or single-ended channel 1 input
5
AIN1
Analog input
Differential channel 1: negative input or single-ended channel 2 input
6
AIN2
Analog input
Differential channel 2: positive input or single-ended channel 3 input
7
AIN3
Analog input
Differential channel 2: negative input or single-ended channel 4 input
8
VDD
Analog
Power supply: 2V to 5.5V
9
DOUT/DRDY
Digital output
Serial data out combined with data ready; active low
10
DIN
Digital input
Serial data input
Copyright
© 2010–2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com