Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments ADS1113 Datasheet HTML 13Page - Texas Instruments ADS1113 Datasheet HTML 14Page - Texas Instruments ADS1113 Datasheet HTML 15Page - Texas Instruments ADS1113 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
16-Bit
ADC
DS
SPI
Interface
Voltage
Reference
Oscillator
CS
DIN
DOUT/DRDY
SCLK
Gain=2/3, 1,
2,4,8,or16
PGA
Device
AIN1
AIN2
GND
AIN0
AIN3
VDD
MUX
Temperature
Sensor
ADS1118
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
OVERVIEW
The ADS1118 is a very small, low-power, 16-bit, delta-sigma (
ΔΣ) analog-to-digital converter (ADC). The
ADS1118 is extremely easy to configure and design into a wide variety of applications, and allows precise
measurements to be obtained with very little effort. Both experienced and novice users of data converters find
designing with the ADS1118 family to be intuitive and problem-free.
The ADS1118 consists of a
ΔΣ analog-to-digital (A/D) core with adjustable gain, an internal voltage reference, a
clock oscillator, and an SPI. This device is also a highly linear and accurate temperature sensor. All of these
features are intended to reduce required external circuitry and improve performance. Figure 32 shows the
ADS1118 functional block diagram.
Figure 32. ADS1118 Functional Block Diagram
The ADS1118 A/D core measures a differential signal, VIN, that is the difference of AINP and AINN. The converter
core consists of a differential, switched-capacitor
ΔΣ modulator followed by a digital filter. This architecture
results in a very strong attenuation in any common-mode signals. Input signals are compared to the internal
voltage reference. The digital filter receives a high-speed bitstream from the modulator and outputs a code
proportional to the input voltage.
The ADS1118 has two available conversion modes: single-shot mode and continuous conversion mode. In
single-shot mode, the ADC performs one conversion of the input signal upon request and stores the value to an
internal conversion register. The device then enters a low-power shutdown mode. This mode is intended to
provide significant power savings in systems that require only periodic conversions or when there are long idle
periods between conversions. In continuous conversion mode, the ADC automatically begins a conversion of the
input signal as soon as the previous conversion is completed. The rate of continuous conversion is equal to the
programmed data rate. Data can be read at any time and always reflect the most recent completed conversion.
12
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com