Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 17Page - Texas Instruments ADS1113 Datasheet HTML 18Page - Texas Instruments ADS1113 Datasheet HTML 19Page - Texas Instruments ADS1113 Datasheet HTML 20Page - Texas Instruments ADS1113 Datasheet HTML 21Page - Texas Instruments ADS1113 Datasheet HTML 22Page - Texas Instruments ADS1113 Datasheet HTML 23Page - Texas Instruments ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ADS1118
www.ti.com
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
Bits[7:5]
DR[2:0]: Data rate
These bits control the data rate setting.
000 : 8SPS
100 : 128SPS (default)
001 : 16SPS
101 : 250SPS
010 : 32SPS
110 : 475SPS
011 : 64SPS
111 : 860SPS
Bit 4
TS_MODE: Temperature sensor mode
This bit configures the ADC to convert temperature or input signals.
0 : ADC mode (default)
1 : Temperature sensor mode
Bit 3
PULL_UP_EN: Pull-up enable
This bit enables a weak pull-up resistor on the DOUT pin when CS is high. When enabled, a 400k
Ω resistor
connects the bus line to supply when CS is high. When disabled, the DOUT pin floats when CS is high.
0 : Pull-up resistor disabled on DOUT pin (default)
1 : Pull-up resistor enabled on DOUT pin
Bits[2:0]
NOP: No operation
The NOP bits control whether data are written to the Config Register or not. In order for data to be written to
the Config Register, the NOP bits must be written as '01'. Any other value written to the NOP bits results in a
NOP command. This means that DIN can be held high or low during SCLK pulses without data being written to
the Config Register.
00 : Invalid data, do not update the contents of the Config Register.
01 : Valid data, update the Config Register (default)
10 : Invalid data, do not update the contents of the Config Register.
11: Invalid data, do not update the contents of the Config Register.
Bit 0
CNV_RDY_FL: Conversion ready flag
This bit is active low and indicates when data are ready from the converter. When it is high, a conversion is not
yet ready and is in process. The purpose of the conversion ready flag bit is to return the DOUT pin line to a
high state to prepare for the falling edge from new data.
0 : Data ready, no conversion in progress
1 : Data not ready, conversion in progress (default)
Copyright
© 2010–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com