Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments ADS1113 Datasheet HTML 13Page - Texas Instruments ADS1113 Datasheet HTML 14Page - Texas Instruments ADS1113 Datasheet HTML 15Page - Texas Instruments ADS1113 Datasheet HTML 16Page - Texas Instruments ADS1113 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
VDD
GND
AIN0
VDD
GND
AIN1
VDD
GND
AIN2
VDD
GND
AIN3
AIN
P
AIN
N
GND
Device
ADS1118
www.ti.com
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
MULTIPLEXER
The ADS1118 contains an input multiplexer, as shown in Figure 33. Either four single-ended or two differential
signals can be measured. Additionally, AIN0 and AIN1 may be measured differentially to AIN3. The multiplexer is
configured by three bits in the Config Register. When single-ended signals are measured, the negative input of
the ADC is internally connected to GND by a switch within the multiplexer.
Figure 33. ADS1118 MUX
When measuring single-ended inputs, it is important to note that the negative range of the output codes are not
used. These codes are for measuring negative differential signals, such as (AINP – AINN) < 0. Electrostatic
discharge (ESD) diodes to VDD and GND protect the inputs. To prevent the ESD diodes from turning on, the
absolute voltage on any input must stay within the range of Equation 1:
GND
– 0.3V < AINx < VDD + 0.3V
(1)
If it is possible that the voltages on the input pins may violate these conditions, external Schottky clamp diodes
and/or series resistors may be required to limit the input current to safe values (see the Absolute Maximum
Ratings table). While the analog inputs can support signals marginally above supply, under no circumstances
should any analog or digital input or output be driven to greater than 5.5V with respect to the GND pin.
Also, overdriving one unused input on the ADS1118 may affect conversions taking place on other input pins. If
overdrive on unused inputs is possible, it is recommended to clamp the signal with external Schottky diodes.
Copyright
© 2010–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com