Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 3Page - Texas Instruments ADS1113 Datasheet HTML 4Page - Texas Instruments ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
−4
−3
−2
−1
0
1
2
3
4
−60
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 2V
VDD = 3.3V
VDD = 5V
G028
4
3
2
1
0
1
2
3
4
-
-
-
-
-2.048
-1.024
0
1.024
2.048
InputSignal(V)
Includesnoise,offset,andgainerror.
FS= 2.048V
DataRate=860SPS
DifferentialInputs
±
0
2
4
6
8
10
−0.5 −0.4 −0.3 −0.2 −0.1
0
0.1
0.2
0.3
0.4
0.5
DR = 8SPS
DR = 128SPS
DR = 860SPS
Input Voltage (V)
FS = ±0.512V
G017
0
5
10
15
20
25
30
35
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
DR = 8SPS
DR = 128SPS
DR = 860SPS
Supply Voltage (V)
FS = ±2.048V
G018
1
2
3
4
5
6
7
8
9
10
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
FS = ±2.048V
Data Rate = 8SPS
G019
0
2.5
5
7.5
10
12.5
15
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
FS = ±0.256V
FS = ±0.512V
FS = ±2.048V
FS = ±6.144V
G010
ADS1118
www.ti.com
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
TYPICAL CHARACTERISTICS
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
TOTAL ERROR vs INPUT SIGNAL
DATA RATE vs TEMPERATURE
Figure 2.
Figure 3.
NOISE vs INPUT SIGNAL
NOISE vs SUPPLY VOLTAGE
Figure 4.
Figure 5.
NOISE vs TEMPERATURE
INL vs SUPPLY VOLTAGE(1)
Figure 6.
Figure 7.
(1)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than VDD + 0.3V be applied to this device.
Copyright
© 2010–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com