Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 139 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 135Page - Texas Instruments TMS320F2812 Datasheet HTML 136Page - Texas Instruments TMS320F2812 Datasheet HTML 137Page - Texas Instruments TMS320F2812 Datasheet HTML 138Page - Texas Instruments TMS320F2812 Datasheet HTML 139Page - Texas Instruments TMS320F2812 Datasheet HTML 140Page - Texas Instruments TMS320F2812 Datasheet HTML 141Page - Texas Instruments TMS320F2812 Datasheet HTML 142Page - Texas Instruments TMS320F2812 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.28 XHOLD and XHOLDA
If the HOLD mode bit is set while XHOLD and XHOLDA are both low (external bus accesses granted), the
XHOLDA signal is forced high (at the end of the current cycle) and the external interface is taken out of
high-impedance mode.
On a reset (XRS), the HOLD mode bit is set to 0. If the XHOLD signal is active low on a system reset, the
bus and all signal strobes must be in high-impedance mode, and the XHOLDA signal is also driven active
low.
When HOLD mode is enabled and XHOLDA is active-low (external bus grant active), the CPU can still
execute code from internal memory. If an access is made to the external interface, the CPU is stalled until
the XHOLD signal is removed.
An external DMA request, when granted, places the following signals in a high-impedance mode:
XA[18:0]
XZCS0AND1
XD[15:0]
XZCS2
XWE, XRD
XZCS6AND7
XR/W
All other signals not listed in this group remain in their default or functional operational modes during these
signal events.
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
139
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com