Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 141 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 137Page - Texas Instruments TMS320F2812 Datasheet HTML 138Page - Texas Instruments TMS320F2812 Datasheet HTML 139Page - Texas Instruments TMS320F2812 Datasheet HTML 140Page - Texas Instruments TMS320F2812 Datasheet HTML 141Page - Texas Instruments TMS320F2812 Datasheet HTML 142Page - Texas Instruments TMS320F2812 Datasheet HTML 143Page - Texas Instruments TMS320F2812 Datasheet HTML 144Page - Texas Instruments TMS320F2812 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 170 page
background image
XCLKOUT
(1/2 XTIMCLK)
XHOLD
XR/
,
,
,
W
XZCS0AND1
XZCS2
XZCS6AND7
XD[15:0]
Valid
XHOLDA
t
d(HL-HiZ)
t
d(HH-HAH)
High-Impedance
High-Impedance
High-Impedance
XA[18:0]
Valid
Valid
t
d(HH-BV)
t
d(HL-HAL)
See Note (A)
See Note (B)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 6-43. XHOLD/XHOLDA Timing Requirements (XCLKOUT = 1/2 XTIMCLK)(1)(2)(3)
MIN
MAX
UNIT
td(HL-HiZ)
Delay time, XHOLD low to Hi-Z on all Address, Data, and Control
4tc(XTIM) + tc(XCO)
ns
td(HL-HAL)
Delay time, XHOLD low to XHOLDA low
4tc(XTIM) + 2tc(XCO)
ns
td(HH-HAH)
Delay time, XHOLD high to XHOLDA high
4tc(XTIM)
ns
td(HH-BV)
Delay time, XHOLD high to Bus valid
6tc(XTIM)
ns
(1)
When a low signal is detected on XHOLD, all pending XINTF accesses will be completed before the bus is placed in a high-impedance
state.
(2)
The state of XHOLD is latched on the rising edge of XTIMCLK.
(3)
After the XHOLD is detected low or high, all bus transitions and XHOLDA transitions will occur with respect to the rising edge of
XCLKOUT. Thus, for this mode where XCLKOUT = 1/2 XTIMCLK, the transitions can occur up to 1 XTIMCLK cycle earlier than the
maximum value specified.
A.
All pending XINTF accesses are completed.
B.
Normal XINTF operation resumes.
Figure 6-38. XHOLD/XHOLDA Timing Requirements (XCLKOUT = 1/2 XTIMCLK)
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
141
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com