Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 153 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 149Page - Texas Instruments TMS320F2812 Datasheet HTML 150Page - Texas Instruments TMS320F2812 Datasheet HTML 151Page - Texas Instruments TMS320F2812 Datasheet HTML 152Page - Texas Instruments TMS320F2812 Datasheet HTML 153Page - Texas Instruments TMS320F2812 Datasheet HTML 154Page - Texas Instruments TMS320F2812 Datasheet HTML 155Page - Texas Instruments TMS320F2812 Datasheet HTML 156Page - Texas Instruments TMS320F2812 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 170 page
background image
Bit 0
Bit 0
CLKX
FSX
DX
DR
M35
M37
M40
M39
M38
M34
LSB
MSB
M41
M42
Bit(n-1)
Bit(n-1)
(n-2)
(n-2)
(n-3)
(n-3)
(n-4)
(n-4)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 6-54. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 0)(1)
MASTER
SLAVE
NO.
UNIT
MIN
MAX
MIN
MAX
M39
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
30
8P – 10
ns
M40
th(CKXH-DRV)
Hold time, DR valid after CLKX high
1
8P – 10
ns
M41
tsu(FXL-CKXH)
Setup time, FSX low before CLKX high
16P + 10
ns
M42
tc(CKX)
Cycle time, CLKX
2P
16P
ns
(1)
2P = 1/CLKG.
For all SPI slave modes, CLKX has to be minimum 8 CLKG cycles. Also CLKG should be LSPCLK/2 by setting CLKSM = CLKGDV = 1.
With maximum LSPCLK speed of 75 MHz, CLKX maximum frequency will be LSPCLK/16 , that is 4.6875 MHz and P = 13.3 ns.
Table 6-55. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 11b, CLKXP = 0)(1)
MASTER
SLAVE
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
M34
th(CKXL-FXL)
Hold time, FSX low after CLKX low
P
ns
M35
td(FXL-CKXH)
Delay time, FSX low to CLKX high
2P
ns
Disable time, DX high impedance following last data bit
M37
tdis(CKXL-DXHZ)
P + 6
7P + 6
ns
from CLKX low
M38
td(FXL-DXV)
Delay time, FSX low to DX valid
6
4P + 6
ns
(1)
2P = 1/CLKG.
For all SPI slave modes, CLKX has to be minimum 8 CLKG cycles. Also CLKG should be LSPCLK/2 by setting CLKSM = CLKGDV = 1.
With maximum LSPCLK speed of 75 MHz, CLKX maximum frequency will be LSPCLK/16 , that is 4.6875 MHz and P = 13.3 ns.
Figure 6-46. McBSP Timing as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
153
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com