Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 156 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 152Page - Texas Instruments TMS320F2812 Datasheet HTML 153Page - Texas Instruments TMS320F2812 Datasheet HTML 154Page - Texas Instruments TMS320F2812 Datasheet HTML 155Page - Texas Instruments TMS320F2812 Datasheet HTML 156Page - Texas Instruments TMS320F2812 Datasheet HTML 157Page - Texas Instruments TMS320F2812 Datasheet HTML 158Page - Texas Instruments TMS320F2812 Datasheet HTML 159Page - Texas Instruments TMS320F2812 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.32 Flash Timing (F281x Only)
Table 6-60. Flash Endurance for A and S Temperature Material(1)
ERASE/PROGRAM
MIN
TYP
MAX
UNIT
TEMPERATURE
Nf
Flash endurance for the array (Write/Erase cycles)
0°C to 85°C (ambient)
20000(2)
50000(2)
cycles
NOTP
OTP endurance for the array (Write cycles)
0°C to 85°C (ambient)
1
write
(1)
Write/erase operations outside of the temperature ranges indicated are not specified and may affect the endurance numbers.
(2)
The Write/Erase cycle numbers of 20000 (MIN) and 50000 (TYP) are applicable only for silicon revision G. For older silicon revisions,
the Write/Erase cycle numbers of 100 (MIN) and 1000 (TYP) are applicable.
Table 6-61. Flash Endurance for Q Temperature Material(1)
ERASE/PROGRAM
MIN
TYP
MAX
UNIT
TEMPERATURE
Nf
Flash endurance for the array (Write/Erase cycles)
–40°C to 125°C (ambient)
20000(2)
50000(2)
cycles
NOTP
OTP endurance for the array (Write cycles)
–40°C to 125°C (ambient)
1
write
(1)
Write/erase operations outside of the temperature ranges indicated are not specified and may affect the endurance numbers.
(2)
The Write/Erase cycle numbers of 20000 (MIN) and 50000 (TYP) are applicable only for silicon revision G. For older silicon revisions,
the Write/Erase cycle numbers of 100 (MIN) and 1000 (TYP) are applicable.
Table 6-62. Flash Parameters at 150-MHz SYSCLKOUT(1)
PARAMETER
MIN
TYP
MAX
UNIT
Using Flash API v1(2)
35
16-Bit Word
µs
Using Flash API v2.10
50
Using Flash API v1(2)
170
Program Time
8K Sector
ms
Using Flash API v2.10
250
Using Flash API v1(2)
320
16K Sector
ms
Using Flash API v2.10
500
8K Sector
10
Erase Time
s
16K Sector
11
Erase
75
IDD3VFLP
VDD3VFL current consumption during the Erase/Program cycle
mA
Program
35
IDDP
VDD current consumption during Erase/Program cycle
140
mA
IDDIOP
VDDIO current consumption during Erase/Program cycle
20
mA
(1)
Typical parameters as seen at room temperature including function call overhead, with all peripherals off.
(2)
Flash API v1.00 is useable on rev. C silicon only.
156
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com