Electronic Components Datasheet Search
  English  ▼

X  

AP7363 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7363
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7363 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7363 Datasheet HTML 1Page - Diodes Incorporated AP7363 Datasheet HTML 2Page - Diodes Incorporated AP7363 Datasheet HTML 3Page - Diodes Incorporated AP7363 Datasheet HTML 4Page - Diodes Incorporated AP7363 Datasheet HTML 5Page - Diodes Incorporated AP7363 Datasheet HTML 6Page - Diodes Incorporated AP7363 Datasheet HTML 7Page - Diodes Incorporated AP7363 Datasheet HTML 8Page - Diodes Incorporated AP7363 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP7363
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7363
Document number: DS35059 Rev. 2 - 2
1 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Description
The AP7363 is a 1.5A adjustable output voltage linear
regulator with ultra-low dropout. The device includes pass
element, error amplifier, band-gap, current limit and thermal
shutdown circuitry.
The characteristics of low dropout voltage and fast transient
response to step changes in load make it suitable for low
voltage microprocessor applications. The typical quiescent
current is approximately 0.5mA and changes little with load
current. The built-in current-limit and thermal-shutdown
functions prevent IC from damage in fault conditions.
This device is available in U-DFN2030-8, SO-8EP and
SOT223-3L packages.
Features
•
1.5A ultra-low dropout linear regulator
•
Ultra-low dropout: 190mV at 1.5A
•
Stable with 10µF input/output capacitor, any types
•
Wide input voltage range: 2.7V to 5.5V
•
Adjustable output voltage: 0.6V to 5.0V
•
Fixed output options: 1V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V
•
Low ground pin current
•
25nA quiescent current in shutdown mode
•
VADJ accuracy of ±1.5% @ 25°C
•
VADJ accuracy of ±3% over line, load and temperature
•
Excellent Load/Line Transient Response
•
Current limit and thermal shutdown protection
•
Ambient temperature range: -40ºC to 85ºC
•
U-DFN2030-8, SO-8EP, SOT223-3L: Available in “Green”
Molding Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
ASIC power supplies in printers, graphics cards, DVD
players, STBs, routers, etc
•
FPGA and DSP core or I/O power supplies
•
SMPS regulator
•
Conversion from 3.3Vor 5V rail
Pin Assignments
( Top View )
IN
GND
ADJ/NC
1
2
IN
3
4
6
5
8
7
OUT
IN
OUTOUT
U-DFN2030-8
IN
OUT
GND (TAB)
SOT223-3L (Fixed output)
(Top View)
3
2
1
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
IN
IN
OUT
GND
ADJ/NC
(Top View )
1
2
3
4
8
7
6
5
IN
SO-8EP
OUT
OUT


Similar Part No. - AP7363

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361-10 DIODES-AP7361-10 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
AP7361-12 DIODES-AP7361-12 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-15 DIODES-AP7361-15 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
More results

Similar Description - AP7363

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7362 DIODES-AP7362 Datasheet
285Kb / 13P
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com