Electronic Components Datasheet Search
  English  ▼

X  

AP7363 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7363
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7363 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7363 Datasheet HTML 6Page - Diodes Incorporated AP7363 Datasheet HTML 7Page - Diodes Incorporated AP7363 Datasheet HTML 8Page - Diodes Incorporated AP7363 Datasheet HTML 9Page - Diodes Incorporated AP7363 Datasheet HTML 10Page - Diodes Incorporated AP7363 Datasheet HTML 11Page - Diodes Incorporated AP7363 Datasheet HTML 12Page - Diodes Incorporated AP7363 Datasheet HTML 13Page - Diodes Incorporated AP7363 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP7363
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7363
Document number: DS35059 Rev. 2 - 2
13 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Taping Orientation (Note 10)
Tape Dimension and Orientation: (Dimensions in mm)
Note: 10. The taping orientation of the other package type can be found on our website at http://www.diodes.com/datasheets/ap02007.pdf
7.90
8.30
3.90
4.10
3.90
4.10
1.50
1.60
1.65
1.85
3.45
3.55
Pin#1
Direction of Feed
DFN2030-8
U-DFN2030-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com