Electronic Components Datasheet Search
  English  ▼

X  

AP7363 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7363
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7363 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7363 Datasheet HTML 1Page - Diodes Incorporated AP7363 Datasheet HTML 2Page - Diodes Incorporated AP7363 Datasheet HTML 3Page - Diodes Incorporated AP7363 Datasheet HTML 4Page - Diodes Incorporated AP7363 Datasheet HTML 5Page - Diodes Incorporated AP7363 Datasheet HTML 6Page - Diodes Incorporated AP7363 Datasheet HTML 7Page - Diodes Incorporated AP7363 Datasheet HTML 8Page - Diodes Incorporated AP7363 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP7363
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7363
Document number: DS35059 Rev. 2 - 2
4 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Electrical Characteristics
TA = 25
oC, VIN = 3.3V, VOUT =1.8V, IOUT = 10mA, CIN = 10μF, COUT = 10μF, unless otherwise stated.
Minimum and maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TA = 25
oC, and are provided for reference purposes only.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VADJ
ADJ Pin Voltage
VIN = VIN-Min to VIN-Max,
IOUT= 10mA to 1.5A
TA = 25
oC
0.584 0.605 0.626
V
Over temp
0.575
0.635
VADJ
ADJ Pin Voltage (A Grade)
VIN = VIN-Min to VIN-Max,
IOUT= 10mA to 1.5A
TA = 25
oC
0.596 0.605 0.614
V
Over temp
0.587
0.623
IADJ
ADJ Pin Bias Current
VIN = VIN-Min to VIN-Max
TA = 25
oC
50
nA
Over temp
750
VDropout
Dropout Voltage (Note 4)
IOUT = 1.5A, VOUT = 2.5V
TA = 25
oC
190
240
mV
Over temp
280
ΔV
OUT /ΔVIN
Line Regulation (Note 5)
VIN = VIN-Min to VIN-Max
TA = 25
oC
-
0.04
-
%/V
Over temp
0.05
ΔV
OUT /ΔIOUT
Load Regulation (Note 5)
IOUT = 10mA to 1.5A
TA = 25
oC
-
0.18
-
%/A
Over temp
0.33
IGND
Ground Pin Current in Normal
Operation Mode
IOUT = 10mA to 1.5A
TA = 25
oC
1.0
1.2
mA
Over temp
1.3
IOUT-PK
Peak Output Current
VOUT
≥ V
OUT-NOM -5%
3.6
A
ISC
Short Circuit Current
OUT grounded
TA = 25
oC
3.7
A
Over temp
2
td(off)
Turn-off delay
From VEN < VIL to VOUT = OFF,
IOUT = 1.5A
25
μs
td(on)
Turn-on delay
From VEN > VIH to VOUT = ON,
IOUT = 1.5A
25
μs
PSRR
Ripple Rejection
VIN = 3.0V, IOUT = 1.5A, f = 120Hz
65
dB
VIN = 3.0V, IOUT = 1.5A, f = 1kHz
61
ρ
n(l/f)
Output Noise Density
F = 120Hz, COUT = 10μF ceramic
1.0
μV/
√Hz
en
Output Noise Voltage
BW = 100Hz – 100kHz,
COUT = 10μF ceramic
100
μV(rms)
TSHDN
Thermal shutdown threshold
TJ rising
170
°C
THYS
Thermal shutdown hysteresis
TJ falling from TSHDN
10
θJA
Thermal Resistance Junction-to-
Ambient
U-DFN2030-8-8 (Note 6)
174.0
oC/W
SO-8EP (Note 6)
52.8
SOT223-3L (Note 6)
105.7
θJC
Thermal Resistance Junction-to-
Case
U-DFN2030-8-8 (Note 6)
28.2
oC/W
SO-8EP (Note 6)
10.0
SOT223-3L (Note 6)
18.5
Notes:
4. Dropout voltage is the minimum voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
For any output voltage less than 2.5V, the minimum VIN operating voltage is the limiting factor.
5. The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the adjust
voltage tolerance specification.
6. Device mounted on 2” x 2” FR-4 substrate PCB, 2oz copper with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com