Electronic Components Datasheet Search
  English  ▼

X  

AP7363 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7363
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7363 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7363 Datasheet HTML 1Page - Diodes Incorporated AP7363 Datasheet HTML 2Page - Diodes Incorporated AP7363 Datasheet HTML 3Page - Diodes Incorporated AP7363 Datasheet HTML 4Page - Diodes Incorporated AP7363 Datasheet HTML 5Page - Diodes Incorporated AP7363 Datasheet HTML 6Page - Diodes Incorporated AP7363 Datasheet HTML 7Page - Diodes Incorporated AP7363 Datasheet HTML 8Page - Diodes Incorporated AP7363 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP7363
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7363
Document number: DS35059 Rev. 2 - 2
2 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Typical Application Circuit
Ω
k
10
2
R
where
2
R
1
R
1
REF
V
OUT
V
≤
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
Pin Descriptions
Pin Name
Pin Number
Description
GND
1
Ground.
IN
2, 3, 4
Voltage input pin.
OUT
5, 6, 7
Voltage output pin.
ADJ
8
Output feedback pin for adjustable version only – a resistor divider from this pin to the
OUT pin and ground sets the output voltage.
NC
8
No connection for fixed output version.
EP/TAB
--
The exposed pad (EP) is used to remove heat from the package and it is recommended
that it is connected to a copper area. The die is electrically connected to the exposed
pad. It is recommended to connect it externally to GND, but should not be the only
ground connection.
Functional Block Diagram
IN
EN
GND
OUT
Gate
Driver
0.605V
Current Limit
and Thermal
Shutdown
Fixed Version
R
R
IN
EN
GND
ADJ
OUT
Gate
Driver
0.605V
Current Limit
and Thermal
Shutdown
Adjustable Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com