Electronic Components Datasheet Search
  English  ▼

X  

AP7363 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7363
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7363 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7363 Datasheet HTML 1Page - Diodes Incorporated AP7363 Datasheet HTML 2Page - Diodes Incorporated AP7363 Datasheet HTML 3Page - Diodes Incorporated AP7363 Datasheet HTML 4Page - Diodes Incorporated AP7363 Datasheet HTML 5Page - Diodes Incorporated AP7363 Datasheet HTML 6Page - Diodes Incorporated AP7363 Datasheet HTML 7Page - Diodes Incorporated AP7363 Datasheet HTML 8Page - Diodes Incorporated AP7363 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP7363
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7363
Document number: DS35059 Rev. 2 - 2
3 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2000
V
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage
-0.3 to 6.0
V
VOUT
OUT Voltage
-0.3V to VIN + 0.3
V
IOUT
Continuous Load Current
Internal Limited
TST
Storage Temperature Range
-65 to 150
°C
TJ
Maximum Junction Temperature
150
°C
Notes:
2. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
Ratings only, and functional operation of the device at these or any other conditions beyond those indicated is not implied.
Exposure to absolute-maximum rated conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input voltage
2.7
5.5
V
IOUT
Output Current
0
1.5
A
TA
Operating Ambient Temperature
-40
85
°C
TJ
Operating Junction Temperature (Note 3)
-40
125
°C
Notes:
3. Operating junction temperature must be evaluated and derated as needed, based on ambient temperature (TA), power dissipation
(PD), maximum allowable operating junction temperature (TJ-MAX), and package thermal resistance (θJA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com